Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 8536SDO2V01S

  • AI
    The **8536SDO2V01S** is a specific model of a NEMA-rated magnetic motor starter manufactured by **Schneider Electric (Square D)**. This device is used to start and stop electric motors while providing thermal overload protection. Below is a breakdown of its core components and technical specifications. ### 1. Component Breakdown The part number can be decoded to understand its specific electronic and mechanical makeup: | Code Segment | Description | Details | | :--- | :--- | :--- | | **8536** | Type | NEMA Magnetic Motor Starter | | **S** | Size | NEMA Size 2 (Rated for higher current/HP) | | **D** | Enclosure | Open Style (No external metal box/can) | | **O** | Design | Non-Reversing | | **2** | Number of Poles | 3-Pole (Typical for 3-phase motors) | | **V01** | Coil Voltage | 24V AC, 60Hz | | **S** | Special Feature | Separate Control Circuit (Control power is separate from motor power) | --- ### 2. Key Electronic & Mechanical Parts #### A. The Magnetic Contactor The heart of the unit. When the **24V AC (V01)** signal is applied to the electromagnetic coil, it creates a magnetic field that pulls the power contacts shut, allowing electricity to flow to the motor. #### B. NEMA Size 2 Contacts These are heavy-duty silver-alloy contacts designed to handle: * **Continuous Amperage:** Up to 45 Amps. * **Horsepower (HP):** Approximately 10 HP at 200V or up to 25 HP at 460/575V. #### C. Thermal Overload Relay (Melting Alloy) This starter typically utilizes a **Motor Logic** or **Melting Alloy** overload block. * **Function:** It monitors the current flowing to the motor. If the current stays too high for too long (overload), the heat melts a specialized solder, tripping the mechanism and cutting power to the coil to prevent the motor from burning out. * *Note: Thermal units (heaters) are usually sold separately based on the specific Full Load Amps (FLA) of your motor.* #### D. Control Circuit (The "S" Feature) Because this is the **"S" version**, the control coil is wired for a **Separate Control Source**. This means the 24V used to trigger the starter does not come from the high-voltage lines (L1, L2, L3) powering the motor; it must be provided by an external transformer or PLC. --- ### 3. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Phase** | 3-Phase | | **Power Rating** | 45A | | **Control Voltage** | 24V AC @ 60 Hz / 24V AC @ 50 Hz | | **Mounting** | Surface / Panel Mount | | **Overload Type** | Melting Alloy (standard) | | **Standards** | UL Listed, CSA Certified, NEMA rated | --- ### 4. Wiring Diagram (Simplified Logic) ```mermaid graph LR A[24V AC Control Source] --> B(Coil A1) B --> C(Overload NC Contact) C --> D(Coil A2 / Common) L1[Line 1] -- Contact -- M1[Motor T1] L2[Line 2] -- Contact -- M2[Motor T2] L3[Line 3] -- Contact -- M3[Motor T3] ``` ---
    ✨ Follow-up Questions
    • What specific heater elements are compatible with the NEMA Size 2 overload block?
    • How do I wire a 24V PLC output to trigger this starter?
    • Can this starter be converted to a NEMA 1 enclosure later?