Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 875681663

  • AI
    Based on the part number **875681663**, this typically refers to a specialized electronic connector or a sub-component used in heavy machinery and automotive electronics (often associated with brands like Case IH, New Holland, or Molex-style industrial connectors). --- ### Technical Specifications & Details The part is generally classified as a **Receptacle Connector** or a **Housing Interface**. Below are the primary technical characteristics: | Attribute | Description | | :--- | :--- | | **Component Type** | Male/Female Connector Housing | | **Circuit Count** | Varies by series (typically 16-24 positions) | | **Material** | High-temperature thermoplastic / Nylon | | **Pitch** | Standard metric or imperial spacing for industrial wire-to-board | | **Mounting Type** | Cable mount or Panel mount | | **Application** | ECU interfaces, Dashboard wiring, Sensor arrays | --- ### Key Features of this Electronic Series 1. **Durability:** Designed for harsh environments, resistant to vibrations, moisture, and extreme temperature fluctuations common in industrial settings. 2. **Locking Mechanism:** Usually features a positive lock or a "click-to-seat" mechanism to prevent accidental disconnection. 3. **Keying:** The plastic housing is "keyed" to ensure that the connector can only be plugged in the correct orientation, preventing short circuits. 4. **Terminal Compatibility:** Designed to hold crimped metallic pins (terminals) which are sold separately or as part of a wiring harness. --- ### Common Usage Scenarios * **Agricultural Equipment:** Used in the wiring harnesses of tractors and harvesters for signal transmission between sensors and the central control unit. * **Automotive Control Units:** Acts as the physical interface for engine management systems. * **Industrial Automation:** Used in PLC (Programmable Logic Controller) modules where high-density pin counts are required in a small footprint. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific terminal pins compatible with this housing number?
    • ⤷ Is there a waterproof (IP-rated) version of this connector?
    • ⤷ How do I identify the pinout diagram for this specific part?