Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 88C19-AF5-R

  • AI
    The **88C19-AF5-R** is a specific electronic component, typically categorized as a low-dropout (LDO) linear voltage regulator or a specific CMOS integrated circuit, often manufactured by companies like UTC (Unisonic Technologies). Below is a detailed breakdown of its specifications, pinout, and characteristics. --- ### 1. General Specifications The part number "88C19" generally refers to a voltage detector or regulator series. In many contexts, this specific IC is a **Voltage Detector** used for system reset and battery monitoring. | Feature | Description | | :--- | :--- | | **Component Type** | CMOS Voltage Detector | | **Detection Voltage** | Typically 1.9V (indicated by '19') | | **Output Type** | CMOS Output (Active Low) | | **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') | | **RoHS Status** | Halogen Free / Lead Free (indicated by 'R') | --- ### 2. Part Number Breakdown Understanding the suffix codes helps in identifying the physical and electrical properties: * **88C**: The series designation (CMOS Voltage Detector). * **19**: The threshold voltage (1.9 Volts). * **AF5**: Refers to the package type, specifically **SOT-25** (also known as SOT-23-5). * **R**: Environmental compliance (RoHS compliant / Tape & Reel packing). --- ### 3. Pin Configuration (SOT-25) Standard pinout for this series is as follows: | Pin Number | Symbol | Function | | :---: | :--- | :--- | | 1 | **VOUT** | Output Signal (Reset) | | 2 | **VDD** | Power Supply Input / Sense Pin | | 3 | **VSS** | Ground (GND) | | 4 | **NC/CD** | No Connection or External Delay Capacitor | | 5 | **NC** | No Connection | --- ### 4. Key Applications This part is primarily used in power-sensitive electronic circuits to ensure the microcontroller or system starts only when the voltage is stable. * **Microprocessor Reset:** Providing a reset signal during power-up or power-down. * **Battery Checkers:** Monitoring battery levels in handheld devices. * **Level Discriminators:** Comparing input voltage against a fixed reference. * **Memory Backup:** Switching to backup power when main power fails. --- ### 5. Electrical Characteristics | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage Range** | 0.7V to 10.0V | | **Detection Voltage Accuracy** | ±2% | | **Low Current Consumption** | ~1.0 µA (at $V_{DD}=3V$) | | **Operating Temperature** | -40°C to +85°C |
    ✨ Follow-up Questions
    • ⤷ What is the difference between CMOS output and Open-Drain output for this IC?
    • ⤷ Can I use the 88C19-AF5-R for a 3.3V system reset?
    • ⤷ What is the typical hysteresis voltage for this detector?