Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 88C33-AF5-R

  • AI
    The **88C33-AF5-R** is a specific integrated circuit, most commonly identified as a **Low Dropout (LDO) Voltage Regulator** or a specific **Voltage Detector/Reset IC**, typically manufactured by UTC (Unisonic Technologies Co.). Below is the technical breakdown of this electronic component. --- ### 1. General Specifications The part number follows a specific nomenclature. While "88C33" usually refers to the internal voltage threshold and series, here are the general characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | CMOS Voltage Detector / LDO Regulator | | **Output Voltage** | 3.3V (indicated by '33') | | **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') | | **Accuracy** | ±2% typical | | **Mounting Type** | Surface Mount (SMD) | | **RoHS Status** | Halogen Free / Lead Free (indicated by 'R') | --- ### 2. Pin Configuration (SOT-25) Standard configurations for the AF5 package usually follow this pinout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VOUT / OUT** | Regulated output voltage or detection signal. | | 2 | **GND** | Ground reference. | | 3 | **NC / NC** | No connection (sometimes used for Enable). | | 4 | **NC** | No connection. | | 5 | **VIN / IN** | Unregulated input voltage. | --- ### 3. Key Electronic Characteristics The "88C" series is often used for power management due to the following behaviors: * **Low Quiescent Current:** Designed for battery-operated devices to minimize power drain during standby mode. * **Low Dropout Voltage:** Requires a very small difference between input and output voltage to maintain regulation. * **High Input Voltage Range:** Usually supports up to 6V or 10V depending on the specific sub-series. * **Protection Circuits:** Often includes built-in thermal shutdown and current limiting features. --- ### 4. Typical Application Example This part is commonly used in consumer electronics to provide a stable 3.3V rail for microcontrollers or to monitor battery levels. ```cpp // Logic representation of a Voltage Detector usage if (V_Input < 3.3V) { Trigger_Reset_Signal(); // Part forces output low to protect the MCU } else { System_Normal_Operation(); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the 88C33-AF5-R?
    • ⤷ What are the common alternatives or equivalents for this UTC IC?
    • ⤷ How do I interpret the 'R' suffix in UTC part numbers?