Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 88C33L-AF5-R

  • AI
    The **88C33L-AF5-R** is a specific part number typically associated with a **Voltage Detector IC** (or reset IC) manufactured by UTC (Unisonic Technologies). It is designed to monitor power supply levels and provide a reset signal to a microprocessor or system when the voltage drops below a certain threshold. --- ### 1. Technical Specifications | Parameter | Details | | :--- | :--- | | **Part Number** | 88C33L-AF5-R | | **Function** | Voltage Detector / Reset IC | | **Detection Voltage** | 3.3V (indicated by '33') | | **Output Type** | CMOS Output (low active) | | **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') | | **Operating Voltage** | 0.7V to 10V | | **Quiescent Current** | Very Low (typically ~1.0µA) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying the exact variant: * **88C**: Series designation for UTC Voltage Detectors. * **33**: Threshold voltage. In this case, it triggers at **3.3V**. * **L**: Low voltage / Lead-free specification. * **AF5**: Package code for **SOT-25** (5-pin Small Outline Transistor). * **R**: Tape and Reel packaging. --- ### 3. Key Features * **High Accuracy:** Usually within ±2% detection voltage accuracy. * **Ultra-Low Power Consumption:** Designed for battery-operated devices to extend life. * **Built-in Delay:** Some variants include a delay circuit to ensure stable system initialization. * **Compact Footprint:** The SOT-25 package is ideal for space-constrained PCB designs. --- ### 4. Typical Application Circuit The IC is commonly used as a supervisor for microcontrollers (MCUs). ```text VDD (3.3V Line) ---------+--------- [VDD Pin] | [R_pullup]* | MCU Reset Pin <----------+--------- [OUT Pin] | [GND Pin] --------- GND ``` *\*Note: If the output is Open-Drain, a pull-up resistor is required. Since this specific model is often CMOS, the output drives high/low directly.* --- ### 5. Common Use Cases 1. **Microprocessor Reset:** Ensuring the CPU doesn't start until the power is stable. 2. **Battery Life Monitoring:** Signaling when a battery-powered device reaches a critical low voltage. 3. **Power Fail Detection:** Warning the system to save data before power is completely lost.
    ✨ Follow-up Questions
    • ⤷What is the difference between CMOS and Open-Drain output in voltage detectors?
    • ⤷ Can this IC be used for a 5V power rail?
    • ⤷ What are the pinout assignments for the SOT-25 version?