Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 88C46-AF5-R

  • AI
    ### Technical Analysis of the 88C46-AF5-R The **88C46-AF5-R** is a specific electronic component, primarily known as a **Low Dropout (LDO) Voltage Regulator**. It is widely used in power management circuits to provide a stable output voltage from a higher, fluctuating input source. --- ### 1. Key Technical Specifications Below are the typical parameters associated with this part number (based on standard industry data for the 88C46 series): | Feature | Specification | | :--- | :--- | | **Component Type** | CMOS Low Dropout (LDO) Regulator | | **Output Voltage** | Fixed (typically 4.6V) | | **Package Type** | SOT-23-5 (indicated by the 'AF5' code) | | **Max Input Voltage** | ~6V to 7V | | **Output Current** | 150mA to 300mA (depending on thermal conditions) | | **Quiescent Current** | Very Low (typically < 1μA in standby) | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying its characteristics: * **88C46**: The base model series. The "46" usually signifies a **4.6V** fixed output. * **AF5**: Refers to the physical packaging. In this case, a **SOT-23-5** (Small Outline Transistor with 5 pins). * **R**: Generally denotes **Tape & Reel** packaging for automated assembly, or **RoHS** lead-free compliance. --- ### 3. Pin Configuration (SOT-23-5) While you should always consult the specific manufacturer's datasheet (e.g., UTC or similar vendors), the standard 5-pin LDO layout is as follows: 1. **VIN**: Input Voltage. 2. **GND**: Ground Reference. 3. **EN/CE**: Enable/Chip Enable (High = On, Low = Off). 4. **NC/BP**: No Connect or Bypass Capacitor (for noise reduction). 5. **VOUT**: Regulated Output Voltage. --- ### 4. Application Use-Cases * **Battery-Powered Devices**: Due to the low quiescent current, it preserves battery life in smartphones or IoT sensors. * **Voltage Isolation**: Used to separate sensitive analog circuits from noisy digital power rails. * **Microcontroller Power**: Providing a steady 4.6V to logic controllers that require precise voltage levels. --- ### 5. Schematic Implementation ```circuit [Input 5V-6V] ----> [ VIN (1) ] [ VOUT (5) ] ----> [ Output 4.6V ] | | [ C1: 1uF ] [ C2: 1uF ] | | (GND) (GND) ``` *Note: Ceramic capacitors are usually required at both Input and Output for stability.*
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 88C46 and a standard 7805 regulator?
    • ⤷ Can this component handle an input voltage higher than 7V?
    • ⤷ What are the recommended capacitor values for the Bypass pin to reduce noise?