Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 88C54-AF5-R

  • AI
    ### Technical Overview of the 88C54-AF5-R The **88C54-AF5-R** is an integrated circuit, specifically a **low-dropout (LDO) linear voltage regulator**. It is designed to provide a stable, regulated output voltage from a higher, potentially fluctuating input voltage. --- ### Key Specifications | Parameter | Specification Details | | :--- | :--- | | **Component Type** | LDO Linear Voltage Regulator | | **Output Voltage** | 5.4V (Fixed) | | **Package Type** | SOT-25 / SOT-23-5 (Small Outline Transistor) | | **Max Output Current** | Typically 300mA - 500mA (depending on manufacturer variant) | | **Low Dropout Voltage** | Usually < 300mV at full load | | **Quiescent Current** | Ultra-low (optimized for battery-powered devices) | | **RoHS Status** | Lead-free / RoHS Compliant (indicated by the "-R" suffix) | --- ### Pin Configuration (SOT-25) The device typically utilizes a 5-pin layout to manage power distribution and control: 1. **VIN (Input):** Supplies the raw DC voltage. 2. **GND (Ground):** Common reference point. 3. **EN (Enable):** Logic high turns the regulator on; logic low puts it in standby. 4. **NC/BP (No Connect/Bypass):** Often used for a noise-reducing capacitor. 5. **VOUT (Output):** The regulated 5.4V supply. --- ### Features and Applications #### Features * **High PSRR:** Power Supply Rejection Ratio ensures minimal noise from the input reaches the output. * **Thermal Protection:** Built-in thermal shutdown to prevent damage from overheating. * **Current Limiting:** Protects the IC in the event of an output short circuit. * **Stability:** Designed to be stable with low-ESR ceramic capacitors. #### Common Applications * **Battery-Powered Equipment:** Smartphones, tablets, and handheld sensors. * **Post-Regulation:** Used after a switching regulator to provide a "cleaner" voltage. * **Reference Voltages:** Providing stable power to ADCs or Microcontrollers. * **IoT Devices:** Low power consumption extends battery life during sleep modes. --- ### Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **88C** | Series identifier (Manufacturer specific, e.g., UTC or similar) | | **54** | Voltage rating (5.4 Volts) | | **AF5** | Package code (Standard for SOT-25/SOT-23-5) | | **R** | Packaging/Environmental (Tape & Reel and/or RoHS compliant) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the 88C54-AF5-R?
    • ⤷ Can you explain how the 'Enable' pin affects power consumption?
    • ⤷ What size of ceramic capacitor is recommended for the VOUT pin?