Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 88C60L-AF5-R

  • AI
    The **88C60L-AF5-R** is a specific electronic component, primarily known as a **Voltage Detector** or **Reset IC**. It is manufactured by UTC (Unisonic Technologies Co., Ltd). These devices are essential for monitoring power supply levels and ensuring that microprocessors or digital systems do not operate under unstable voltage conditions. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Function** | Voltage Detector / Reset IC | | **Threshold Voltage** | 6.0V (indicated by '60') | | **Output Configuration** | Open Drain (indicated by 'L') | | **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') | | **Packing** | Tape & Reel (indicated by 'R') | | **Accuracy** | ±2% | --- ### 2. Pin Configuration (SOT-25) Typically, the pinout for the AF5 package is as follows: 1. **Vout**: Reset Output (active low). 2. **Vdd**: Supply Voltage / Input Voltage to sense. 3. **Vss**: Ground. 4. **NC/CD**: No connection or External Delay Capacitor (depending on specific sub-series). 5. **NC**: No connection. --- ### 3. Functional Description The device monitors the voltage supplied to the $V_{DD}$ pin. * **Normal Operation:** When the supply voltage is above the threshold ($V_{DET}$), the output remains high (pulled up externally). * **Reset State:** When the supply voltage drops below the 6.0V threshold, the $V_{OUT}$ pin goes low. * **Hysteresis:** To prevent "chattering" or oscillation when the voltage is right at the threshold, the device includes a small amount of hysteresis (usually 5% of $V_{DET}$). --- ### 4. Circuit Implementation Example Because the "L" version is **Open Drain**, it requires an external pull-up resistor to function correctly. ```c Vdd (Power Source) ----+-----------+ | | [Pull-up R] [88C60L] | | MCU Reset Pin <--------+------- Vout (Pin 1) ``` --- ### 5. Common Applications * Microprocessor reset circuitry. * Battery life monitors. * Level discriminators. * Protection against "Brown-out" conditions.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Open Drain and CMOS output for this IC?
    • ⤷ How do I calculate the required pull-up resistor value for the 88C60L?
    • ⤷ Can this IC be used to monitor a 12V rail if the threshold is only 6V?