Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 8DDE-R

  • AI
    The **8DDE-R** refers to a specific type of **Rotary Encoder**, commonly used in automotive electronics, audio equipment, and industrial control panels. It is a surface-mount (SMD) component designed for human-machine interface (HMI) input. --- ### 1. Technical Specifications The "8DDE" series is typically manufactured by companies like **ALPS Alpine** or similar electronics component firms. Below are the general electronic characteristics: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Output Type** | 2-bit Gray Code (A and B phase) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Operating Voltage** | 5V DC (typical) | | **Rated Current** | 0.5mA to 10mA | | **Detent Torque** | 7 ± 4 mN·m (varies by model) | | **Rotational Life** | 30,000 to 100,000 cycles | --- ### 2. Key Electronic Components An 8DDE-R encoder consists of several internal and external parts that work together to translate mechanical rotation into digital signals: #### A. Internal Contact Mechanism The device uses a **sliding contact** system. As the shaft rotates, a metal brush moves across a PCB pattern, opening and closing circuits to produce pulses. #### B. Quadrature Output (Phase A & B) It features two output terminals. By analyzing the phase difference (which signal goes "High" first), the microcontroller determines the **direction** of rotation (clockwise vs. counter-clockwise). #### C. Integrated Switch (Optional) The "-R" or specific sub-models often include a **momentary push-switch**. This allows the user to rotate for selection and press for confirmation within the same component. --- ### 3. Circuit Application To use an 8DDE-R in a circuit, you typically need **pull-up resistors** (usually 10kΩ) and a basic **RC filter** to handle "contact bounce" (mechanical noise). #### Example Wiring Diagram Logic: ```cpp // Logic for Reading 8DDE-R in Arduino int pinA = 2; // Connected to Terminal A int pinB = 3; // Connected to Terminal B void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); } void loop() { // Read pulses to determine rotation direction } ``` --- ### 4. Common Applications * **Car Audio:** Volume control and menu navigation. * **Household Appliances:** Temperature or timer settings on ovens/microwaves. * **Test Equipment:** Adjusting voltage or frequency on oscilloscopes. * **Computer Peripherals:** Scroll wheels or specialized macro knobs.
    ✨ Follow-up Questions
    • ⤷What is the difference between an incremental and absolute encoder?
    • ⤷ How do I implement hardware debouncing for an 8DDE-R encoder?
    • ⤷ What are the specific dimensions for the 8DDE-R footprint?