Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 8XBG-R

  • AI
    The model identifier **8XBG-R** typically refers to a high-performance **Synchronous Dynamic Random-Access Memory (SDRAM)** component, most commonly manufactured by brands like **Micron** or **Viking Technology**. Below is a detailed breakdown of its electronic characteristics, architecture, and common applications. --- ## 1. Technical Specifications This specific part is usually associated with **DDR4 or DDR5 SDRAM** technologies, designed for high-density server environments and high-speed data processing. | Feature | Description | | :--- | :--- | | **Component Type** | FBGA (Fine-pitch Ball Grid Array) | | **Memory Standard** | DDR4/DDR5 (Varies by full prefix) | | **Density** | Typically 8Gb to 16Gb per die | | **Data Rate** | 2400 MT/s to 3200 MT/s+ | | **Operating Voltage** | 1.1V (DDR5) or 1.2V (DDR4) | | **Configuration** | x4, x8, or x16 organization | --- ## 2. Key Electronic Features ### A. Packaging (FBGA) The "BG" in the part code often signifies the **FBGA** packaging. This involves small solder balls on the bottom of the chip, allowing for: * **Reduced Inductance:** Better signal integrity at high frequencies. * **Thermal Efficiency:** Improved heat dissipation through the PCB. * **Compact Footprint:** High-density mounting for server DIMMs. ### B. Signal Termination The "R" suffix often indicates **Registered (RDIMM)** compatibility or a specific **Revision/RoHS** compliance level. * It includes on-die termination (ODT) to prevent signal reflection. * It utilizes internal error-correcting code (ECC) capabilities to maintain data integrity. ### C. Low Power Consumption Modern 8XBG-R modules utilize advanced process nodes (sub-20nm) to reduce power leakage, allowing for high-performance computing without excessive thermal throttling. --- ## 3. Component Architecture A typical block diagram of this part includes: * **Memory Banks:** Multiple internal banks grouped for parallel access. * **Row/Column Decoders:** For precise addressing of memory cells. * **Refresh Control:** Logic to maintain charge in the capacitors. * **I/O Buffer:** High-speed interface to the memory controller. --- ## 4. Common Applications Due to its reliability and speed, this part is used in: 1. **Enterprise Servers:** Data centers requiring large-scale RAM. 2. **Networking Hardware:** High-speed routers and switches. 3. **Industrial PCs:** Applications where stability and temperature resistance are critical.
    ✨ Follow-up Questions
    • ⤷ Is 8XBG-R compatible with consumer-grade motherboards?
    • ⤷ What are the specific pinout differences between 8XBG-R and standard DDR4?
    • ⤷ How does the 'R' suffix impact latency compared to unbuffered memory?