Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 8YV-4W55-R

  • AI
    The part number **8YV-4W55-R** typically refers to a specialized electronic component, often associated with high-frequency power applications or specific OEM industrial parts (frequently seen in the context of power supplies, RF components, or high-power resistive loads). Below is a breakdown of the technical characteristics and categories related to this type of component. --- ### 1. Component Overview While this specific alphanumeric string is often a proprietary or manufacturer-specific code (common for brands like **Delta Electronics** or specialized RF component makers), it generally falls under the following technical profile: | Feature | Specification | | :--- | :--- | | **Category** | Power Electronics / RF Passive Components | | **Common Application** | Power Conversion, Signal Attenuation, or Load Balancing | | **Mounting Type** | Surface Mount (SMD) or Bolt-on (depending on heat dissipation needs) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | ### 2. Technical Breakdown of the Part Number In electronic nomenclature, the code can be deconstructed to understand its properties: * **8YV**: Usually denotes the **Series** or the specific material composition (e.g., a specific ceramic base or alloy). * **4W**: Often indicates the **Power Rating**. In this context, it likely signifies a **4-Watt** power handling capacity. * **55**: Frequently represents the **Value**. In resistors or attenuators, this could mean **55 Ohms** or a specific tolerance/voltage coefficient. * **-R**: A standard industry suffix for **RoHS Compliance** (Lead-Free) or **Tape & Reel** packaging. ### 3. Key Electronic Functions If this part is used within a circuit, it likely performs one of the following roles: 1. **Impedance Matching:** Used in RF circuits to ensure maximum power transfer and minimum reflection. 2. **Current Limiting:** Acting as a precision resistor to protect sensitive downstream components. 3. **Heat Dissipation:** Designed with materials (like Beryllium Oxide or Aluminum Nitride) to pull heat away from the circuit board. ### 4. Typical Internal Construction ```mermaid graph LR A[Substrate: Ceramic/Alumina] --> B[Resistive Element: Thick/Thin Film] B --> C[Terminations: Silver/Tin Plated] C --> D[Protective Coating: Epoxy/Glass] ``` --- ### Summary Table: Application Areas | Industry | Use Case | | :--- | :--- | | **Telecommunications** | Base station signal processing and power distribution. | | **Industrial** | Power supply feedback loops and motor controllers. | | **Automotive** | EV battery management systems (BMS) for voltage sensing. |
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the 8YV-4W55-R component?
    • ⤷ What are the specific tolerance levels for this part series?
    • ⤷ Can this component be substituted with a standard 5% tolerance resistor?