Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 9-10-R

  • AI
    Based on the model number fragment **9-10-R**, this most commonly refers to the **Resettable PTC (Positive Temperature Coefficient) Fuses** or specific **Power Resistor** series used in overcurrent protection. --- ### 1. Typical Component Identification In the electronics industry, "9-10-R" is often part of a sequence for **PTC Thermistors** (used as resettable fuses) or high-precision **Chassis Mount Resistors**. | Component Property | Description | | :--- | :--- | | **Core Function** | Overcurrent protection or current sensing. | | **"9"** | Often denotes the physical size or series (e.g., 9mm diameter). | | **"10"** | Typically represents the resistance value (10 Ohms) or voltage rating. | | **"R"** | Indicates "RoHS Compliant" or "Resistance" in Ohms. | --- ### 2. Technical Characteristics If this is a **PTC Resettable Fuse** (a common part with this nomenclature), its operation follows these technical steps: 1. **Normal State:** The device has low resistance, allowing current to flow to the circuit. 2. **Fault State:** If current exceeds a limit, the part heats up rapidly, and its resistance increases exponentially. 3. **Protection:** This "tripped" state effectively stops the flow of electricity, protecting sensitive downstream components. 4. **Reset:** Once power is removed and the part cools down, it returns to a low-resistance state. ### 3. Usage Examples These parts are found in various electronic assemblies: * **Power Supplies:** To prevent damage from short circuits. * **USB Ports:** To protect the motherboard from faulty peripheral devices. * **Motor Circuits:** To handle "stalled motor" scenarios where current spikes. * **Battery Packs:** To prevent overheating during charging or discharging. --- ### 4. Reading the Code If you are looking at a physical part with "9 10 R" printed on it, here is how to decode the markings: ```text [ 9 ] -> Series Identifier (Manufacturer Specific) [ 10 ] -> Nominal Resistance (10.0 Ω) [ R ] -> Tolerance or Compliance (often ±0.05% or RoHS) ``` ---
    ✨ Follow-up Questions
    • ⤷Are you referring to a specific brand like TE Connectivity or Bourns?
    • ⤷ What is the physical shape of the component (e.g.
    • ⤷ disc
    • ⤷ rectangular
    • ⤷ or metal-housed)?
    • ⤷ Can you provide the full manufacturer prefix if available?