Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 902-A-R

  • AI
    The **902-A-R** is a specific electronic component typically identified as a **RF (Radio Frequency) Power Splitter/Combiner** manufactured by companies like Mini-Circuits. It is designed to split an input signal into two equal-phase output signals or combine two signals into one. --- ### 1. Key Technical Specifications The "902-A-R" belongs to a category of surface-mount devices (SMD) used in telecommunications and signal processing. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | 2-Way 0° Power Splitter/Combiner | | **Frequency Range** | Usually 10 MHz to 1000 MHz (VHF/UHF) | | **Impedance** | 50 Ohms (standard) | | **Insertion Loss** | 0.5 – 1.2 dB (typical) | | **Isolation** | 20 – 30 dB (typical) | | **Package Type** | Case Style AT224 (Surface Mount) | --- ### 2. Functional Description The electronic architecture of this part revolves around an internal transformer/ferrite core system. * **Splitting Mode:** A signal entering the "Sum" (S) port is divided into two signals at ports 1 and 2. These outputs are "in-phase," meaning they share the same sine wave timing. * **Combining Mode:** Two signals entering ports 1 and 2 are merged into a single output at the "Sum" port. * **Phase Balance:** Ensures the two split signals have minimal degree differences (usually within 1-3 degrees). * **Amplitude Balance:** Ensures the power levels of the two split signals are nearly identical. --- ### 3. Applications This part is commonly found in the following electronic systems: 1. **Antenna Arrays:** Splitting a signal to feed multiple antenna elements. 2. **Signal Monitoring:** Tapping into a transmission line to monitor performance without interrupting the main signal. 3. **Communication Receivers:** Distributing a single local oscillator signal to multiple mixers. 4. **Cable TV (CATV):** Used in distribution hubs to split signals to multiple subscribers. --- ### 4. Schematic Representation In a circuit diagram, the 902-A-R is represented as a three-port network: ```text [Port 1] Output 1 ^ | [Sum] ----+---- [Internal Isolation Resistor] (Input) | v [Port 2] Output 2 ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power handling limits for the 902-A-R?
    • ⤷ How does 'Isolation' affect signal performance in this splitter?
    • ⤷ Is the 902-A-R RoHS compliant?