Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 91N-R

  • AI
    The **91N-R** typically refers to a series of **Neon Indicator Lamps** or panel-mount indicator assemblies. These components are used primarily as status lights for high-voltage AC circuits (110V-250V). Below is a technical breakdown of the electronic parts and characteristics associated with this component. --- ### 1. Component Overview The "91N" series is a standard industrial designation for rectangular or cylindrical neon indicators. The "R" suffix specifically denotes the **Red** lens color. | Feature | Specification | | :--- | :--- | | **Lamp Type** | Neon Gas Discharge | | **Lens Color** | Red (R) | | **Voltage Rating** | 125V AC / 250V AC (Standard) | | **Mounting Type** | Panel Mount (Snap-in or Nut-retained) | | **Termination** | Wire Leads or Quick-connect Terminals | --- ### 2. Internal Electronic Parts A 91N-R indicator is not just a bulb; it is a small circuit designed to handle high mains voltage safely. It consists of three primary parts: #### A. The Neon Bulb (NE-2 Type) * Contains two electrodes in a glass envelope filled with neon gas. * When the "striking voltage" is reached, the gas ionizes and glows orange-red. * **Note:** The red color of the 91N-R comes from a combination of the neon gas glow and the red plastic filter of the housing. #### B. Current Limiting Resistor * Neon bulbs have "negative resistance," meaning they would draw infinite current and explode if connected directly to a power source. * The 91N-R housing contains a built-in resistor (usually **33kΩ to 150kΩ**) wired in series with the bulb to limit the current to a few milliamps. #### C. Polycarbonate/Nylon Housing * The outer shell is made of heat-resistant plastic. * It serves as the insulator to prevent the user from coming into contact with high-voltage AC. --- ### 3. Electrical Characteristics | Parameter | Typical Value | | :--- | :--- | | **Current Consumption** | < 2.0 mA | | **Life Expectancy** | 10,000 to 25,000 hours | | **Temperature Range** | -25°C to +85°C | | **Striking Voltage** | ~65V AC | --- ### 4. Common Applications * **Power Strips:** To indicate the device is "ON." * **Industrial Control Panels:** To show the status of high-voltage relays. * **Home Appliances:** Used in coffee makers, heaters, and ovens.
    ✨ Follow-up Questions
    • ⤷ What is the difference between neon and LED versions of the 91N series?
    • ⤷ How do I calculate the resistor value if I am building a custom neon circuit?
    • ⤷ Can a 91N-R indicator be used with DC power supplies?