Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 93-R1

  • AI
    Based on your query, **"93-R1"** most commonly refers to a specific type of **Precision Wirewound Resistor** (often associated with military or industrial standards like the MIL-R-93 series) or a specific component part number used in legacy electronics. Below is a breakdown of the electronic specifications and characteristics typically associated with these components. --- ### 1. Component Overview The "93" prefix in military specifications (MIL-SPEC) generally denotes a **Fixed, Wirewound, Precision Resistor**. These are designed for applications requiring high stability and very low tolerances. ### 2. Technical Specifications | Feature | Typical Specification | | :--- | :--- | | **Material** | Resistance wire (Ni-Cr) wound on a ceramic or epoxy core | | **Tolerance** | Very tight (typically 0.1%, 0.05%, or 0.01%) | | **Power Rating** | Low wattage (usually 0.125W to 0.5W) | | **Temperature Coefficient (TCR)** | Very low (±2 ppm/°C to ±10 ppm/°C) | | **Encapsulation** | Molded epoxy or silicone coating for moisture protection | ### 3. Key Electronic Characteristics * **Precision:** Unlike standard carbon film resistors, 93-R1 series components are used when the exact resistance value is critical for circuit performance. * **Stability:** They exhibit minimal "drift" over time, even when exposed to varying temperatures or humidity. * **Non-Inductive Winding:** Some variations use "Ayrton-Perry" winding patterns to cancel out inductance, making them suitable for higher-frequency precision circuits. * **Low Noise:** Wirewound resistors produce the lowest thermal noise of any resistor type. ### 4. Common Applications 1. **Calibration Equipment:** Used as reference standards in multimeters and laboratory scales. 2. **Medical Electronics:** Found in monitoring devices where signal accuracy is life-critical. 3. **Aerospace/Military:** Used in navigation systems due to their ability to withstand harsh environments. 4. **Bridge Circuits:** Essential for Wheatstone bridge configurations. --- ### Identification Guide If you are looking at a physical part, the markings usually follow this logic: * **93:** The series/style code. * **R1:** Can denote the **resistance value** (0.1 Ohms) or a specific **revision/frame size** depending on the manufacturer (such as Vishay, Ohmite, or Shallcross).
    ✨ Follow-up Questions
    • ⤷ Are you looking for a datasheet for a specific manufacturer like Vishay or Ohmite?
    • ⤷ Is '93-R1' part of a larger model number for a PCB or power supply?
    • ⤷ Do you need help calculating the resistance value based on the full part code?