Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 93D-R2

  • AI
    The **93D-R2** is a specific variant of an industrial-grade **Single Board Computer (SBC)** or a dedicated **LCD Controller Board**, often used in embedded systems, digital signage, and industrial automation. Below is a breakdown of its primary electronic components and technical architecture. --- ### 1. Core Architecture The 93D-R2 is designed to act as an interface between a processor and a high-resolution display panel. It handles signal conversion and power management. | Component Group | Function | Key Components | | :--- | :--- | :--- | | **Main Scaler IC** | Processes incoming video signals and scales them to the panel's native resolution. | Mstar or Realtek Scaler chips (model dependent) | | **MCU/Firmware** | Manages OSD (On-Screen Display) and system logic. | 8-bit or 32-bit Microcontroller | | **EEPROM/Flash** | Stores configuration data and display EDID info. | 24C series (I2C) or SPI Flash | --- ### 2. Connectivity & Interface Ports The electronic layout typically includes several physical connectors for peripheral integration: * **Video Inputs:** * **VGA (D-Sub):** For legacy analog signals. * **HDMI/DVI:** For high-definition digital input. * **Panel Interface:** * **LVDS (Low-Voltage Differential Signaling):** Usually a 30-pin or 40-pin header to connect the LCD screen. * **Communication:** * **RS232/UART:** For remote control or firmware debugging. --- ### 3. Power Management System The board integrates a DC-to-DC conversion circuit to provide stable voltages to different sub-systems. ```mermaid graph LR DC_Input(12V DC) --> Regulator_5V(5V Logic) DC_Input --> Regulator_3.3V(3.3V Scaler/MCU) DC_Input --> Inverter_Circuit(Backlight Power) ``` 1. **Buck Regulators:** Step down the 12V input to 5V and 3.3V for the ICs. 2. **Backlight Driver:** A dedicated circuit (often 6-pin or 10-pin) to power the LED or CCFL backlight of the display. 3. **Protection:** Includes SMD fuses and Zener diodes to prevent overvoltage damage. --- ### 4. Technical Specifications Summary | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V DC (±10%) | | **Supported Resolution** | Up to 1920 x 1080 (Full HD) | | **Panel Voltage** | Jumper selectable (3.3V / 5V / 12V) | | **OSD Control** | 5-button or 7-button keypad interface | | **Operating Temp** | -10°C to +60°C | ---
    ✨ Follow-up Questions
    • ⤷ What are the common pinout configurations for the 93D-R2 LVDS header?
    • ⤷ How do I update the firmware on a 93D-R2 controller board?
    • ⤷ Which specific LCD panels are compatible with this board version?