Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 95D-R3

  • AI
    The **95D-R3** is a high-performance, high-torque digital servo motor commonly used in large-scale RC vehicles (like 1/5 scale cars), industrial robotics, and UAVs. It is known for its durability and high voltage compatibility. --- ### 1. Key Technical Specifications The electronics of the 95D-R3 are designed to handle significant current draws and provide precise positional feedback. | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 6.0V - 8.4V (High Voltage/2S LiPo compatible) | | **Motor Type** | High-efficiency Brushless Motor | | **Gear Train** | Titanium / Steel Alloy Gears | | **Signal Type** | Digital | | **Torque** | ~95 kg-cm to 110 kg-cm (at 8.4V) | | **Speed** | ~0.12 - 0.15 sec/60° (depending on voltage) | --- ### 2. Core Electronic Components #### A. The Brushless Motor (Internal) Unlike standard servos that use brushed motors, the 95D-R3 utilizes a **brushless motor**. * **Benefits:** Lower friction, less heat generation, and a much longer lifespan. * **Control:** Requires an internal electronic speed controller (ESC) circuit to manage the three-phase power delivery to the motor coils. #### B. The Control Circuit (PCB) The "Digital" aspect of the R3 refers to the onboard microprocessor. * **Processing:** It samples the input PWM (Pulse Width Modulation) signal at a high frequency, allowing for faster response times and higher "holding power" (the ability to resist being moved out of position). * **Protection:** High-end boards like the one in the 95D-R3 often include **Over-Current Protection** and **Thermal Shutdown** to prevent the electronics from frying under extreme load. #### C. Potentiometer / Encoder To know its exact position, the servo uses a high-precision potentiometer or a magnetic encoder connected to the output shaft. * In the R3, this component is often reinforced to handle the vibration of gas-powered engines or heavy impacts. #### D. Power Wiring The 95D-R3 draws significant amperage (often spiking over 5-8 Amps under stall). * **Wiring:** It typically uses heavy-gauge silicone-insulated wire. * **Connector:** Standard JR/Universal plug, though it is highly recommended to use a high-current power source (like a direct 2S LiPo) rather than powering it through a standard receiver bus. --- ### 3. Usage Considerations 1. **BEC Requirements:** Most standard ESCs (Electronic Speed Controllers) cannot provide enough current for this servo. A dedicated **UBEC** or a direct-to-battery connection is usually required. 2. **Deadband Tuning:** Being a digital servo, the "Deadband" (the range of signal where the servo doesn't move) is very tight, providing extreme precision but occasionally causing "buzzing" as it hunts for the exact center. ---
    ✨ Follow-up Questions
    • ⤷What are the specific power requirements for the 95D-R3 to avoid brownouts?
    • ⤷ How does the titanium gear set in the 95D-R3 compare to standard brass gears?
    • ⤷ Can the 95D-R3 be programmed using a specialized servo programmer?