Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 95DW-R3

  • AI
    The **95DW-R3** is a high-performance, isolated DC-DC converter series commonly used in industrial and telecommunications applications. It belongs to the 6-watt power family and is designed for compact efficiency. --- ### 1. General Specifications The 95DW-R3 series is characterized by its wide input voltage range and regulated output. Below are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Power Rating** | 6 Watts | | **Input Voltage Range** | 4:1 Wide Input (e.g., 9-36VDC or 18-75VDC) | | **Isolation Voltage** | 1500 VDC (Standard) up to 3000 VDC | | **Efficiency** | Up to 88% | | **Package Style** | DIP-24 (Dual In-line Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Electronic Components & Features The internal circuitry of the 95DW-R3 consists of several critical stages to ensure stable power delivery: * **Input Filter:** Typically includes a Pi-type ($\pi$) filter to minimize electromagnetic interference (EMI) and reflected ripple current. * **PWM Controller:** A high-frequency pulse width modulation chip that manages the switching cycle to maintain a steady output voltage regardless of input fluctuations. * **Isolation Barrier:** Uses a high-quality transformer to provide galvanic isolation between the input and output circuits, protecting sensitive downstream components. * **Protection Circuits:** * **Continuous Short Circuit Protection (SCP):** Automatically recovers once the fault is removed. * **Over-Load Protection (OLP):** Prevents damage during current spikes. * **Under-Voltage Lockout (UVLO):** Shuts down the unit if input voltage drops below a safe threshold. --- ### 3. Pinout Configuration (Standard DIP-24) While specific models may vary slightly, the standard 95DW-R3 layout is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 2, 3 | **-Vin** | Negative Input Voltage | | 9 | **NC** | No Connection / Case Ground | | 11 | **NC** | No Internal Connection | | 14 | **+Vout** | Positive Output Voltage | | 16 | **-Vout** | Negative Output Voltage | | 22, 23 | **+Vin** | Positive Input Voltage | --- ### 4. Applications Due to its robust electronic design, the 95DW-R3 is frequently found in: * **Industrial Control:** Providing clean power to PLCs and sensors. * **Instrumentation:** Isolating measurement circuits from noisy power grids. * **Data Communication:** Powering remote modules in 24V or 48V systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 2:1 and 4:1 input versions of this converter?
    • ⤷ How do I calculate the thermal derating for the 95DW-R3 at high temperatures?
    • ⤷ Does this model require external capacitors for stability?