Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 96DW-R5

  • AI
    The **96DW-R5** refers to a specific series of high-performance DC-DC converters, typically manufactured by companies like **YDS (Yuan Dean Scientific)**. These components are designed for industrial and telecommunications applications where high power density and isolation are required. --- ### 1. Key Technical Specifications The "96DW" series generally follows a standardized naming convention indicating its power rating and input/output characteristics. | Feature | Specification (Typical) | | :--- | :--- | | **Power Output** | 40 Watts to 60 Watts (depending on specific variant) | | **Input Voltage Range** | 4:1 Ultra-wide input (e.g., 9-36VDC or 18-75VDC) | | **Isolation Voltage** | 1500 VDC to 2250 VDC | | **Package Style** | 2" x 1" Industry Standard Package | | **Efficiency** | Up to 92% | | **Cooling** | Free air convection / Optional Heat Sink | --- ### 2. Internal Electronic Components The 96DW-R5 is a complex module consisting of several critical electronic sub-sections: * **Switching Controller:** An integrated PWM (Pulse Width Modulation) IC that manages the power conversion efficiency and voltage regulation. * **Power MOSFETs:** High-speed transistors used to chop the DC input into high-frequency AC for the transformer. * **Isolation Transformer:** Provides galvanic isolation between the input and output circuits, ensuring safety and noise reduction. * **Schottky Rectifiers:** Used at the output stage for rectification with low forward voltage drop to maintain high efficiency. * **Multi-Layer Ceramic Capacitors (MLCCs):** Used for input/output filtering to minimize ripple and noise. --- ### 3. Features & Protections The R5 suffix often denotes a specific revision or a set of enhanced features within the product line: 1. **Remote On/Off Control:** Allows the system to toggle the power supply electronically without a physical switch. 2. **Adjustable Output (Trim):** Users can fine-tune the output voltage (usually ±10%) using an external resistor. 3. **Short Circuit Protection (SCP):** Hiccup mode, which automatically recovers once the fault is removed. 4. **Over Voltage Protection (OVP):** Prevents damage to the load if the feedback loop fails. 5. **Under-Voltage Lockout (UVLO):** Shuts down the module if the input voltage drops below a functional threshold. --- ### 4. Common Applications * **Renewable Energy:** Solar power management systems. * **Data Communications:** Powering routers and sensitive networking gear. * **Industrial Control:** Providing stable DC rails for PLC (Programmable Logic Controller) systems. * **Battery Powered Equipment:** Managing varying battery discharge voltages to provide a steady output.
    ✨ Follow-up Questions
    • ⤷ What are the specific input voltage options for the 96DW-R5 series?
    • ⤷ How do I calculate the external resistor value for the Trim function?
    • ⤷ What is the operating temperature range for this DC-DC converter?