Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 96DW-R6

  • AI
    The **96DW-R6** typically refers to a high-density, small form-factor DC-DC converter, often associated with the **96DW series** of power modules. These are widely used in industrial, telecommunications, and data processing electronics due to their high efficiency and wide input voltage ranges. --- ### 1. Key Technical Specifications The "96DW" series is characterized by specific electrical parameters designed for rugged environments. | Parameter | Typical Value / Range | | :--- | :--- | | **Wattage** | 2 Watts (Nominal) | | **Input Voltage Range** | 4:1 Ultra-wide (e.g., 9-36VDC or 18-75VDC) | | **Isolation Voltage** | 1500V DC to 3000V DC | | **Package Style** | DIP-24 (Dual In-line Package) | | **Efficiency** | Up to 82% - 85% | | **Operating Temp** | -40°C to +85°C | --- ### 2. Internal Electronic Components A module like the 96DW-R6 is an integrated system consisting of several sub-components: 1. **Switching Controller (IC):** The "brain" that regulates the duty cycle to maintain a constant output voltage despite input fluctuations. 2. **Transformer:** Provides the galvanic isolation between the input and output stages. 3. **Power MOSFETs:** Act as high-speed switches to convert DC into high-frequency AC for the transformer. 4. **Capacitors (MLCC/Tantalum):** Used at the input and output for filtering noise and smoothing the voltage ripples. 5. **Inductors:** Part of the output LC filter to minimize electromagnetic interference (EMI). --- ### 3. Connection Diagram (DIP-24 Standard) Most R6 variants follow a standard pinout for the DIP-24 footprint: ```text Top View (Pin Layout) +---------------------------+ | 1. +Vin 24. +Vin| | 2. NC 23. -Vin| | 3. NC 22. -Vin| | ... ... | | 11. NC 14. +Vout| | 12. -Vout 13. Common| +---------------------------+ *NC = No Connection ``` --- ### 4. Applications Because of its high isolation and wide input range, it is commonly found in: * **Industrial Control:** Powering 5V or 12V logic circuits from a 24V industrial bus. * **Transportation:** Systems requiring protection against battery voltage spikes. * **Remote Sensors:** Where power efficiency is critical for heat management in enclosed spaces.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the R6 variant?
    • ⤷ Does the 96DW-R6 feature short-circuit protection?
    • ⤷ Are there SMD versions available for this specific power module?