Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 96M-R

  • AI
    The **96M-R** is a high-performance, industrial-grade **Single Board Computer (SBC)** or System-on-Module (SoM) typically used in embedded systems, telecommunications, and high-end automation. It is designed to handle intensive processing tasks while maintaining a small physical footprint. Below is a breakdown of the key electronic components and specifications often found in this series. --- ### Core Hardware Specifications | Component | Description | | :--- | :--- | | **Processor (CPU)** | Usually features high-performance ARM Cortex or X86 architecture (depending on the specific revision/brand). | | **Memory (RAM)** | Integrated DDR4 or LPDDR4 memory, often ranging from 4GB to 16GB for multitasking. | | **Storage** | Onboard eMMC Flash storage for OS hosting and high-speed NVMe/SATA interfaces for expansion. | | **Network** | Dual Gigabit Ethernet (GbE) ports are standard for industrial redundancy. | | **Power Input** | Wide range DC input (typically 9V to 36V) to suit industrial power rails. | --- ### Connectivity and Interfaces The 96M-R is defined by its ability to interface with external sensors and mechanical components. * **Expansion Slots:** Includes Mini-PCIe or M.2 slots for 4G/5G modules and AI accelerators. * **Video Output:** Support for HDMI 2.0 or DisplayPort (DP++), often capable of 4K resolution. * **Industrial I/O:** * **RS-232/422/485:** For legacy machine communication. * **GPIO:** General Purpose Input/Output pins for direct sensor control. * **USB 3.0/3.1:** High-speed data transfer for external peripherals. --- ### Electronic Design Features 1. **Thermal Management:** The board often features a ruggedized heat sink or a heat spreader design to allow fanless operation in harsh environments. 2. **ESD Protection:** Integrated protection on I/O ports to prevent damage from static electricity or power surges common in factories. 3. **Watchdog Timer:** A specialized circuit that automatically resets the system if the software hangs, ensuring 24/7 uptime. 4. **RTC (Real Time Clock):** Includes a battery-backed clock to maintain system time even when the main power is disconnected. --- ### Common Applications * **Edge Computing:** Processing data locally before sending it to the cloud. * **Machine Vision:** Connecting high-speed cameras for quality control on assembly lines. * **Digital Signage:** Powering high-definition displays in public or commercial spaces.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the 96M-R?
    • ⤷ Is the 96M-R compatible with Linux-based operating systems like Ubuntu?
    • ⤷ Does the 96M-R support hardware-level encryption (TPM)?