Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 974N-R

  • AI
    The **974N-R** typically refers to a specific series of **Standard Recovery Power Rectifier Diodes**, often manufactured by companies like Vishay or IR (International Rectifier). These components are designed to convert Alternating Current (AC) to Direct Current (DC) in high-power applications. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the 974N-R series (specifically the 400A to 600A range variants): | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Power Rectifier Diode | Standard Recovery | | **Forward Current ($I_{F(AV)}$)** | Average rectified current | 400A - 450A | | **Voltage Range ($V_{RRM}$)** | Peak Repetitive Reverse Voltage | 400V to 1600V | | **Package Type** | Stud Mount | B-8 / DO-9 / DO-205AB | | **Polarity** | Stud to Anode / Stud to Cathode | "R" indicates Reverse Polarity | --- ### 2. Understanding the "R" Suffix In the part numbering system for stud-mounted power diodes, the "R" is a critical identifier for electrical installation: * **Standard Version (No R):** The **Cathode** is connected to the stud (threaded part), and the **Anode** is the top wire/terminal. * **Reverse Version (974N-R):** The **Anode** is connected to the stud, and the **Cathode** is the top wire/terminal. > **Why this matters:** This allows engineers to mount two diodes on the same heatsink while creating different electrical configurations (like a half-bridge) without short-circuiting the chassis. --- ### 3. Physical Construction The 974N-R is a heavy-duty industrial component built to handle extreme thermal and electrical stress: * **Stud Mounting:** The threaded base allows the part to be bolted directly into a metal heatsink for efficient heat dissipation. * **Hermetic Sealing:** Usually features a ceramic or metal-to-glass seal to protect the silicon wafer from moisture and contaminants. * **Flexible Lead:** High-current models often feature a thick, braided copper lead to handle hundreds of amperes without melting. --- ### 4. Common Applications Due to its high current capacity, the 974N-R is used in: 1. **Industrial Welding:** Converting AC grid power to DC for arc welding machines. 2. **Battery Chargers:** Large-scale industrial chargers for forklifts or backup power banks. 3. **Motor Drives:** High-power DC motor controllers. 4. **Plating Power Supplies:** Electroplating processes requiring massive amounts of DC current.
    ✨ Follow-up Questions
    • ⤷ What is the difference between standard recovery and fast recovery diodes?
    • ⤷ How do I calculate the torque required for mounting a stud diode like the 974N-R?
    • ⤷ Can this diode be used in a full-bridge rectifier configuration?