Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 9DA03

  • AI
    ## Overview of the 9DA03 Electronic Component The **9DA03** (often part of a full part number like **SI9DA03** or related series) typically refers to a **Power MOSFET** or an **Integrated Power Stage** module, commonly used in voltage regulation and power management circuits. --- ### Technical Specifications The following table summarizes the general characteristics typically associated with components in this series: | Property | Description | | :--- | :--- | | **Component Type** | N-Channel MOSFET / Power Stage | | **Common Package** | PowerPAK® / QFN | | **Function** | DC-DC Conversion, Synchronous Buck Regulators | | **Max Voltage (Vds)** | Usually 30V - 40V | | **Configuration** | Single or Dual N-Channel | --- ### Key Electronic Features 1. **Low On-Resistance ($R_{DS(on)}$):** Designed to minimize power loss during the conduction state, improving overall efficiency in high-current applications. 2. **High-Speed Switching:** Optimized for high-frequency DC-DC converters, allowing for the use of smaller external inductors and capacitors. 3. **Thermally Enhanced Packaging:** Usually housed in a surface-mount package with a thermal pad to dissipate heat effectively into the PCB. 4. **Trench technology:** Utilizes advanced silicon structures to achieve high cell density and lower gate charge ($Q_g$). --- ### Common Applications These parts are vital components in modern electronics for "Step-Down" (Buck) conversion: * **Computing:** CPU/GPU core power delivery on motherboards and laptops. * **Networking:** Power modules for routers and switches. * **Battery Management:** Protection and switching circuits in portable devices. * **Industrial:** DC-DC point-of-load (POL) converters. --- ### Pin Configuration (Typical) While specific pinouts depend on the exact suffix and package, a standard PowerPAK layout for this class of component includes: * **Drain (D):** Connected to the input voltage or switching node. * **Source (S):** Connected to the load or ground. * **Gate (G):** Receives the PWM signal from the controller to turn the switch ON/OFF.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for your specific 9DA03 component?
    • ⤷ How do I calculate the power dissipation for this MOSFET in a circuit?
    • ⤷ What are the recommended alternatives if the 9DA03 is out of stock?