Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A-06-R-

  • AI
    The designation **A-06-R** is commonly associated with high-precision **SMD (Surface Mount Device) Thin Film Chip Attenuators**, frequently manufactured by companies like **Susumu** (specifically the PAT series). These components are critical in high-frequency RF (Radio Frequency) applications. --- ### 1. Component Overview The A-06-R series is designed to reduce the power of a signal without appreciably distorting its waveform. It is primarily used in circuits operating from DC up to several GHz. | Feature | Specification (Typical) | | :--- | :--- | | **Package Style** | 0603 (Inch) / 1608 (Metric) | | **Material** | Thin Film (Inorganic) | | **Frequency Range** | DC to 10GHz+ (depending on specific model) | | **Impedance** | 50 $\Omega$ (Standard) | | **Power Rating** | 32mW to 100mW | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Characteristics * **Precision:** Thin-film technology allows for extremely tight tolerances in attenuation levels. * **Low Noise:** Excellent signal-to-noise ratio compared to thick-film alternatives. * **Stability:** High resistance to environmental factors like temperature and humidity due to inorganic passivated films. * **Wide Bandwidth:** Maintains consistent attenuation characteristics across a broad spectrum of frequencies. --- ### 3. Part Number Decoding (Example) While specific manufacturers vary, a typical breakdown for an attenuator like the **PAT1632-C-6dB-T1** (often referred to by its attenuation value) follows this logic: 1. **Series Code:** Identifying it as a thin film attenuator. 2. **Size Code:** "06" often refers to the **0603** package size. 3. **Attenuation Value:** The "06" may also indicate a **6dB** reduction in signal strength. 4. **Suffix "R":** Usually denotes **RoHS Compliance** or **Tape & Reel** packaging. --- ### 4. Common Applications These parts are found in advanced telecommunications and testing hardware: * **Wireless Base Stations:** Adjusting signal levels between amplifier stages. * **Measuring Instruments:** Protecting sensitive input ports of oscilloscopes or spectrum analyzers. * **Optical Transceivers:** Controlling power levels in high-speed data transmission. * **Radar Systems:** Precise signal calibration. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between thin film and thick film attenuators in RF circuits?
    • ⤷ How do I calculate the power loss in a circuit when using a 6dB attenuator?
    • ⤷ What are the common failure modes for SMD chip attenuators?