Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A-DF09LL-WP-R

  • AI
    ## Technical Overview: A-DF09LL-WP-R The **A-DF09LL-WP-R** is a specific type of D-Subminiature connector, commonly used in industrial and telecommunications equipment. The part number indicates it is a high-reliability, waterproof component. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | D-Sub (Standard) | | **Number of Positions** | 9 Pin | | **Gender** | Female (Socket) | | **Mounting Type** | Through-Hole, Right Angle | | **Ingress Protection** | IP67 / IP68 (Waterproof) | | **Contact Plating** | Gold (Selective) | | **Shell Material** | Steel (Nickel Plated) | --- ### 2. Breakdown of the Part Number While nomenclature varies slightly by manufacturer (often associated with **Assmann WSW Components**), the code generally breaks down as follows: * **A:** Assmann WSW Series prefix. * **DF:** D-Sub Female. * **09:** The pin count (9 positions). * **LL:** Low Profile or specific lead length/layout indicator. * **WP:** **Waterproof.** This signifies the inclusion of an O-ring or potting material to prevent moisture ingress. * **R:** RoHS Compliant. --- ### 3. Electronic & Mechanical Features #### A. Waterproofing (IP Rating) The "WP" designation is the most critical electronic part of this component. It typically features a **silicone O-ring** and an internal **epoxy seal** around the pins. This ensures that even if the external side is exposed to water or dust, the internal circuitry of the device remains protected. #### B. Contact Performance * **Current Rating:** Usually rated for **3A to 5A** per contact. * **Dielectric Withstanding Voltage:** Typically **1000V AC** for 1 minute. * **Insulation Resistance:** Minimum **5000 MΩ** at 500V DC. #### C. Signal Integrity The use of gold plating on the contact mating area ensures low contact resistance and prevents oxidation, which is vital for low-voltage data transmission (such as RS-232, RS-422, or RS-485 protocols). --- ### 4. Common Applications * **Outdoor Telecommunications:** Base stations or external sensors. * **Industrial Automation:** Machines operating in wash-down environments. * **Marine Electronics:** GPS and sonar equipment. * **Medical Devices:** Equipment requiring sterilization or protection against fluids.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering requirements for the A-DF09LL-WP-R through-hole pins?
    • ⤷ How does the IP67 rating differ from IP68 in the context of this connector?
    • ⤷ Is this connector compatible with standard non-waterproof D-Sub male cables?