Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A-DSF09LPIII-FP-R

  • AI
    ## Technical Analysis of A-DSF09LPIII-FP-R The **A-DSF09LPIII-FP-R** is a specific industrial-grade D-Subminiature connector, typically utilized in high-density electronic assemblies and communication interfaces. Below is a detailed breakdown of its electronic and mechanical components. --- ### 1. Component Specifications This part belongs to the **D-Sub** family, specifically a low-profile, right-angle variant designed for PCB mounting. | Feature | Specification | | :--- | :--- | | **Connector Type** | D-Subminiature (Female/Socket) | | **Number of Positions** | 9 Pin (Standard Density) | | **Orientation** | Right Angle (90°) | | **Mounting Type** | Through-Hole (PCB Mount) | | **Shell Size** | DE-9 (often colloquially called DB-9) | | **Termination** | Solder | | **Contact Plating** | Gold (Selective or Full Flash) | --- ### 2. Key Electronic Features The "Electronic Parts" of this connector involve the conductivity, insulation, and shielding properties: * **Contacts (Pins/Sockets):** * Made from copper alloy for high conductivity. * Gold plating ensures low contact resistance and prevents oxidation over time, which is critical for signal integrity in serial data transmission (RS-232/RS-485). * **Insulator Body:** * Typically constructed from Thermoplastic (UL 94V-0 rated). * Designed to provide high dielectric strength to prevent arcing between pins. * **Shell (EMI/RFI Shielding):** * The "FP" designation often refers to a "Front Panel" or specific flange style. * The metal shell (usually tin-plated steel) acts as a ground path, protecting the internal signals from Electromagnetic Interference (EMI). --- ### 3. Part Number Suffix Breakdown While nomenclature varies slightly by manufacturer (such as Assmann WSW or similar vendors), the codes generally represent: * **A:** Series identifier. * **DSF:** D-Sub Female. * **09:** Pin count. * **LP:** Low Profile (reduces the height footprint on the PCB). * **III:** Specific design iteration or spacing (e.g., 3.18mm or 5.08mm footprints). * **FP:** Ferrite Plate or specific Mounting Flange (helps with noise suppression). * **R:** RoHS Compliant. --- ### 4. Application Context This component is commonly found in the following electronic systems: 1. **Industrial Controllers:** Connecting PLCs to HMI screens. 2. **Telecommunications:** Network console ports. 3. **Legacy Hardware:** Serial COM port interfaces. 4. **Medical Equipment:** Data logging and sensor interfaces where mechanical locking (via screw cinches) is required. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch or footprint spacing for the 'III' designation in this series?
    • ⤷ Does this specific model include integrated ferrite filters for EMI suppression?
    • ⤷ What are the maximum current and voltage ratings for these 9-pin D-sub connectors?