Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A-MCSP-80070-R-R

  • AI
    ## Analysis of Part Number: A-MCSP-80070-R-R The **A-MCSP-80070-R-R** is a specific networking component manufactured by **ASSMANN WSW Components**. It belongs to the category of **Modular Cables** (Ethernet/Patch cables). ### 1. Technical Specifications Below are the primary technical characteristics of this specific part: | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) to RJ45 (8P8C) | | **Cable Type** | Cat5e, S/FTP (Shielded Foiled Twisted Pair) | | **Length** | 7.0 Meters (approx. 23 feet) | | **Color** | Red | | **Conductor Gauge** | 26 AWG | | **Wiring Scheme** | T568B (Standard Straight-Through) | | **Shielding** | PIMF (Pairs in Metal Foil) + Braid | --- ### 2. Breakdown of the Part Number Manufacturers often use a logical numbering system. For the `A-MCSP-80070-R-R`, the nomenclature typically follows this pattern: * **A-MCSP**: Product Series (Modular Cable Shielded Patch). * **80**: Connector configuration (8P8C / RJ45). * **070**: Cable length (07.0 meters). * **R**: Color code (Red). * **R**: Revision or RoHS Compliance indicator. --- ### 3. Key Electronic & Physical Features #### A. Shielding (S/FTP) Unlike standard UTP (Unshielded Twisted Pair) cables, the "S/FTP" designation means: * Each individual pair is wrapped in foil to prevent **crosstalk** between pairs. * An overall braided shield surrounds all pairs to protect against **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**. #### B. Snagless Boot The "R-R" series often features a molded, snagless strain-relief boot. This prevents the plastic clip on the RJ45 connector from snapping off when pulling the cable through tight spaces or dense server racks. #### C. Performance As a **Cat5e** cable, it is rated for speeds up to **1 Gbps (Gigabit Ethernet)** and a frequency bandwidth of **100 MHz**. While Cat6 is newer, Cat5e remains a cost-effective standard for most business and residential networking needs. --- ### 4. Typical Applications * **Data Centers:** Connecting servers to patch panels in high-EMI environments. * **Industrial Automation:** Networking machinery where electrical noise is present. * **Home/Office:** Color-coding network segments (e.g., using Red for critical uplink connections).
    ✨ Follow-up Questions
    • ⤷ Does this cable support Power over Ethernet (PoE)?
    • ⤷ What is the difference between S/FTP and UTP in terms of installation difficulty?
    • ⤷ Is there a Cat6 version of this specific Assmann cable?