Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A-MCSSP60150G-R

  • AI
    The **A-MCSSP60150G-R** is a high-performance, shielded Ethernet patch cable (specifically Category 6 or 6A) manufactured by **Assmann WSW Components**. It is designed for high-speed data transmission in environments where electromagnetic interference (EMI) is a concern. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Cable Type** | S/FTP (Shielded Foiled Twisted Pair) | | **Category** | Cat6 (or Cat6A depending on specific batch/revision) | | **Length** | 15.0 Meters | | **Connector Type** | RJ45 (8P8C) | | **Color** | Green | | **Jacket Material** | LSZH (Low Smoke Zero Halogen) | | **Structure** | 4 x 2 AWG 26/7 | --- ### Key Electronic & Structural Features #### 1. S/FTP Shielding (Shielded Foiled Twisted Pair) This is the most critical electronic feature of this part. * **Individual Pairs:** Each of the four pairs is wrapped in a metal foil. * **Outer Shield:** An overall braided shield surrounds all pairs. * **Benefit:** This provides superior protection against **Crosstalk** (interference between wire pairs) and **EMI** (external noise from power lines or machinery). #### 2. LSZH (Low Smoke Zero Halogen) Jacket The outer insulation is made of LSZH compounds. In the event of a fire, this material: * Reduces the amount of toxic and corrosive gas emitted. * Produces very little smoke, making it safer for use in data centers or poorly ventilated public spaces. #### 3. Gold-Plated Contacts The RJ45 connectors feature gold plating (typically 3µ or higher). * **Conductivity:** Gold ensures low electrical resistance. * **Durability:** It prevents oxidation and corrosion over time, ensuring a stable signal connection for the lifespan of the cable. #### 4. Strain Relief and Boot Design The "R" in the suffix often denotes a molded strain relief boot. This protects the physical connection between the copper strands and the RJ45 plug, preventing the wires from pulling out or snapping during installation in tight racks. --- ### Comparison of Cable Standards | Feature | UTP (Unshielded) | S/FTP (A-MCSSP60150G-R) | | :--- | :--- | :--- | | **EMI Protection** | Minimal | Excellent | | **Signal Integrity** | Moderate | High (Low Attenuation) | | **Best Use Case** | Home/Office | Data Centers / Industrial | | **Flexibility** | High | Moderate (due to shielding) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer speed supported by this specific Assmann cable?
    • ⤷ Can this cable be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the advantages of LSZH jackets over standard PVC jackets in industrial settings?