Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A-MCSSP60200Y-R

  • AI
    The **A-MCSSP60200Y-R** is a high-performance, modular shielded patch cable, typically used in industrial networking and high-speed data environments. This part number is associated with **Assmann WSW Components**, known for high-quality interconnect solutions. Below is a breakdown of its technical specifications and electronic properties. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Shielding Type** | S/FTP (Screened Foiled Twisted Pair) | | **Category Rating** | Cat6a (Supports up to 10Gbps) | | **Jacket Material** | LSZH (Low Smoke Zero Halogen) | | **Length** | 2.0 Meters (typical for '200' suffix) | | **Color** | Yellow (indicated by 'Y') | | **Contact Plating** | Gold Plating (typically 50µ") | --- ### 2. Key Electronic Components & Design #### A. Shielding Architecture (S/FTP) The electronic integrity of this cable is maintained through a dual-layer shielding process: * **Individual Foil Shielding:** Each of the four twisted pairs is wrapped in aluminum foil. This minimizes **Near-End Crosstalk (NEXT)** between the internal pairs. * **Overall Braid Shield:** An outer tinned copper braid surrounds all pairs, protecting the signal from **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**. #### B. LSZH Outer Jacket The "Low Smoke Zero Halogen" material is critical for safety. In the event of a fire or overheating due to electrical faults: * It emits very limited smoke. * It produces no toxic halide gases, making it ideal for poorly ventilated areas like data centers or industrial cabinets. #### C. Snagless Boot Design The "R" in the suffix often denotes a **molded strain relief** or "boot." This protects the RJ45 locking clip and ensures the internal copper conductors do not snap under mechanical tension or frequent bending. --- ### 3. Application Use Cases Due to its Cat6a rating and heavy shielding, this part is used in: 1. **10G Ethernet:** Connecting servers to switches in high-density racks. 2. **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) where electrical noise from motors is high. 3. **PoE+ Applications:** Its gauge and shielding allow it to carry Power over Ethernet (PoE) efficiently with minimal heat buildup. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between S/FTP and UTP shielding in these cables?
    • ⤷ How does the LSZH material impact the cable's flexibility?
    • ⤷ What is the maximum frequency supported by the Cat6a rating for this part?