Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A-MCU60020-R-R

  • AI
    The **A-MCU60020-R-R** is a specific electronic hardware component, typically identified as a **Micro-USB 2.0 Type B Connector** manufactured by **ASSMANN WSW Components**. It is designed for Surface Mount Technology (SMT) applications. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Connector Type** | Micro-USB Type B | | **USB Version** | USB 2.0 (High Speed) | | **Mounting Type** | Surface Mount (SMT / SMD), Right Angle | | **Number of Contacts** | 5 Pins | | **Current Rating** | 1.0A or 1.8A (per contact, depending on power lines) | | **Voltage Rating** | 30V AC (RMS) | | **Orientation** | Horizontal (Side Entry) | | **Shielding** | Shielded (Metal Housing for EMI protection) | --- ### 2. Component Pinout (Standard Micro-USB) As a 5-pin Micro-USB connector, the A-MCU60020-R-R follows the standard USB 2.0 pin configuration: 1. **VCC (+5V):** Power supply. 2. **D-:** Data Negative. 3. **D+:** Data Positive. 4. **ID:** Identification (used for OTG/On-The-Go detection). 5. **GND:** Ground. --- ### 3. Design and Application #### Physical Design * **Right Angle:** The connector sits parallel to the PCB, making it ideal for thin consumer electronics. * **Solder Tabs:** Includes metal side tabs (solder pads) that provide mechanical stability, ensuring the connector doesn't rip off the board during repeated plugging and unplugging. * **Pick and Place:** Often comes in "Tape & Reel" packaging (indicated by the "-R-R" suffix) for automated assembly. #### Common Applications * **Mobile Devices:** Charging ports for older smartphones or tablets. * **IoT Hardware:** Power and data interface for microcontrollers (ESP32, Arduino clones). * **Peripherals:** External hard drives, digital cameras, and power banks. --- ### 4. PCB Footprint Example (Generic Code) If you were defining this part in a hardware description or script for a CAD tool, the metadata might look like this: ```json { "part_number": "A-MCU60020-R-R", "manufacturer": "Assmann WSW", "package": "SMT-RA", "mounting_holes": 2, "shielding": true, "datasheet_url": "https://www.assmann-wsw.com/fileadmin/datasheets/A-MCU60020-R-R.pdf" } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the A-MCU60020-R-R and a standard USB-C connector?
    • ⤷ How should I design the PCB pads to ensure mechanical strength for this connector?
    • ⤷ What are the recommended soldering temperature profiles for this SMT part?