Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A-N-R0

  • AI
    It appears you are referring to **ANR (Active Noise Reduction)** technology, which is commonly used in aviation headsets and high-end consumer headphones. Electronic components for ANR systems are designed to cancel unwanted ambient noise by generating an "anti-noise" wave. --- ## 1. Core Principles of ANR Electronics The goal of an ANR circuit is to capture sound, invert its phase by 180 degrees, and play it back through the speakers. This causes **destructive interference**, effectively silencing the background noise. ### Functional Block Diagram | Stage | Component | Function | | :--- | :--- | :--- | | **Input** | Sensing Microphone | Detects low-frequency ambient noise inside the ear cup. | | **Processing** | Inverting Amplifier | Reverses the phase of the noise signal. | | **Output** | Speaker Driver | Combines the original audio with the anti-noise signal. | | **Power** | Battery/Power Management | Provides stable voltage (usually 3V - 9V) to the op-amps. | --- ## 2. Key Electronic Components ### A. Sensing Microphones (Electret Condenser) * **Role:** These are placed inside the ear cup (feedback) or outside (feed-forward). * **Specifications:** They must have a flat frequency response, especially in the 20Hz to 1kHz range where ANR is most effective. ### B. Operational Amplifiers (Op-Amps) * **Role:** The "brain" of the analog ANR circuit. * **Part Examples:** Low-noise, low-power op-amps like the **TL072** or specialized ICs from manufacturers like Texas Instruments. * **Logic:** The circuit uses a negative feedback loop to ensure the signal sent to the speaker is exactly opposite to the noise detected. ### C. Filtering Network * **Low-Pass Filters:** ANR is generally limited to frequencies below 1,000Hz. Higher frequencies are handled by the physical foam of the ear muffs (Passive Noise Reduction). * **Phase Shift Compensation:** Capacitors and resistors are tuned to ensure there is no delay in the signal processing, which would cause "howling" or oscillation. --- ## 3. Analog vs. Digital (DSP) ANR Most classic aviation headsets (like those using the "ANR-0" style modules) use **Analog circuitry** for zero-latency response. However, modern systems use **DSP (Digital Signal Processing)**. ```cpp // Simplified Pseudocode for Digital ANR Logic void process_audio(float* input_noise, float* audio_out) { float anti_noise = *input_noise * -1.0; // Phase Inversion *audio_out = original_music + anti_noise; } ``` --- ## 4. Power Requirements ANR systems require an external power source because the circuitry must actively drive the speaker diaphragms to fight the incoming sound pressure. * **Portable:** 2x AA batteries are standard. * **Panel Power:** In aircraft, "LEMO" connectors allow the headset to draw power directly from the plane’s electrical system. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between feedback and feed-forward ANR circuits?
    • ⤷ Which specific ICs are commonly used in DIY ANR headset projects?
    • ⤷ How does the 'clamping force' of a headset affect the efficiency of ANR electronics?