Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A03CC

  • AI
    The term **A03CC** typically refers to a specific marking code found on surface-mount (SMD) electronic components. In the electronics industry, small packages (like SOT-23) do not have enough surface area for full part numbers, so manufacturers use short codes. Based on industry databases, the code **A03CC** is most commonly associated with **Linear Voltage Regulators** or **Supervisory ICs**. Below is the technical breakdown: --- ### 1. Component Identification The code **A03** followed by a date or batch code (CC) usually identifies the following part: | Feature | Specification | | :--- | :--- | | **Primary Part Number** | **AP2127N-3.3TRG1** (or similar AP2127 series) | | **Manufacturer** | Diodes Incorporated | | **Package Type** | SOT-23 / SOT-23-3 | | **Function** | CMOS Low Dropout (LDO) Linear Regulator | | **Output Voltage** | 3.3V (Fixed) | --- ### 2. Key Technical Specifications If this part is indeed the **AP2127-3.3**, these are the typical operating parameters: * **Input Voltage Range:** 2.5V to 6V. * **Output Current:** Up to 300mA. * **Dropout Voltage:** Very low (typically 170mV at 300mA). * **Quiescent Current:** Low power consumption (approx. 25µA). * **Enable Pin:** Some variants include an EN pin for logic-controlled shutdown. * **Protection:** Built-in over-temperature protection and current limiting. --- ### 3. Pinout Configuration (SOT-23) For a standard 3-pin LDO like the A03 series, the pinout is generally as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **GND** | Ground reference | | 2 | **Vout** | Regulated output voltage (3.3V) | | 3 | **Vin** | Unregulated input voltage | --- ### 4. Common Applications These parts are ubiquitous in modern consumer electronics due to their small size: * **Mobile devices:** Battery-powered gadgets requiring a stable 3.3V rail. * **Microcontrollers:** Powering ESP32, STM32, or Arduino-based boards. * **IoT Sensors:** Providing clean power to noise-sensitive analog sensors. * **Post-Regulation:** Reducing noise from a switching power supply. --- ### 5. Troubleshooting Tips If you are testing a circuit containing an "A03CC" chip and it is failing: 1. **Input Check:** Ensure the input voltage is at least 0.2V higher than the output (approx. 3.5V for a 3.3V regulator). 2. **Capacitors:** These LDOs require external ceramic capacitors (usually 1.0µF) on the input and output for stability. If these are missing or damaged, the output will oscillate. 3. **Heat:** If the chip is hot to the touch, there is likely a short circuit on the 3.3V rail downstream.
    ✨ Follow-up Questions
    • ⤷ What are the alternative components for the A03CC if I cannot find the original?
    • ⤷ How can I verify if the A03 code belongs to a different manufacturer like Torex or Micrel?
    • ⤷ What is the maximum power dissipation for a SOT-23 package regulator?