Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A0Z1-R

  • AI
    The **A0Z1-R** (often categorized under the series **AOZ1**) refers to a specific line of **EZBuck™ High-Efficiency Synchronous Buck Regulators** manufactured by **Alpha & Omega Semiconductor (AOS)**. These components are integrated circuit (IC) step-down DC-DC converters designed to provide high current from a smaller footprint with minimal external components. --- ## 1. Key Specifications and Features The A0Z1-R series (such as the popular AOZ1010R or AOZ1212R) generally follows these technical parameters: | Parameter | typical Range / Value | | :--- | :--- | | **Input Voltage Range** | 4.5V to 16V (standard) or up to 24V | | **Output Current** | 2A to 5A (depending on specific model) | | **Switching Frequency** | 500 kHz (fixed) | | **Efficiency** | Up to 95% | | **Package Type** | SO-8 or DFN-8 | | **Protection** | Thermal Shutdown, Short Circuit, and Overvoltage | --- ## 2. Functional Internal Blocks The "R" suffix often denotes specific revisions or packaging standards (like RoHS compliance and Tape & Reel). Internally, these parts consist of: ### A. Integrated MOSFETs Unlike traditional buck controllers that require external transistors, the A0Z1-R series integrates both the **High-Side** and **Low-Side** power MOSFETs. This reduces PCB space and simplifies thermal management. ### B. PWM Control Loop It uses a Pulse Width Modulation (PWM) control scheme to regulate the output voltage. It typically employs "Current Mode" control, which provides a faster transient response and easier loop stabilization. ### C. Soft-Start Circuitry An internal soft-start limits the inrush current during startup, preventing voltage spikes that could damage sensitive downstream components (like CPUs or FPGAs). --- ## 3. Typical Application Circuit To function, the IC requires a few external passive components: 1. **Input Capacitor ($C_{IN}$):** Filters the incoming supply. 2. **Inductor ($L_1$):** Stores energy during the switching cycle. 3. **Output Capacitor ($C_{OUT}$):** Smooths the output voltage ripple. 4. **Feedback Resistors ($R_1, R_2$):** A voltage divider used to set the desired output voltage. ```text Input (12V) ----[ IC: A0Z1-R ]----( Inductor )---- Output (3.3V) | | [Feedback] <-------[Filter] ``` --- ## 4. Common Applications * **Consumer Electronics:** Set-top boxes, LCD TVs, and Blu-ray players. * **Computing:** Peripherals, Motherboards, and Graphic Cards. * **Networking:** Routers, Switches, and Modems. * **Industrial:** Point-of-load (POL) power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AOZ1010R and AOZ1014R models?
    • ⤷ How do I calculate the feedback resistor values for a 5V output?
    • ⤷ What are the thermal considerations when running this IC at maximum current?