Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A10342-RSCG-E

  • AI
    The **A10342-RSCG-E** is a specific electronic sub-assembly, typically categorized as a **Magnetic Card Reader** or **Smart Card Reader Interface module**, often used in industrial terminals, ATMs, or secure access control systems. Below is a breakdown of its electronic components, technical specifications, and functions. --- ### 1. Key Component Overview The module consists of several critical electronic subsystems that allow it to bridge the gap between physical media (cards) and a digital processing unit. | Component Type | Function | Details | | :--- | :--- | :--- | | **Magnetic Read Head** | Signal Induction | Converts magnetic flux transitions from the card stripe into low-voltage analog signals. | | **Pre-Amplifier IC** | Signal Conditioning | Boosts the millivolt-level signals from the head to a level suitable for decoding. | | **ASIC/Decoder Chip** | Data Processing | Translates analog peaks into digital "1s" and "0s" (F2F decoding). | | **I/O Interface** | Communication | Usually utilizes a serial interface (TTL, RS-232, or USB) to talk to the host PC. | | **Protection Circuitry** | Safety | Includes TVS diodes to protect against Electrostatic Discharge (ESD) from human contact. | --- ### 2. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like **MagTek** or **NIDEC**), the typical electronic parameters for this class of device are: * **Operating Voltage:** 5V DC (standard TTL levels). * **Current Consumption:** ~25mA (active), <1mA (suspend). * **Decoding Method:** Two-frequency coherent phase (F2F). * **Recording Standard:** ISO 7810, 7811 (Tracks 1, 2, and 3). * **Connection Port:** Often a Molex-style multi-pin connector for power and data. --- ### 3. Electronic Architecture The "E" suffix in the part number often denotes an **Enhanced** or **Environmental** protection rating, meaning the PCB is likely treated for durability. #### Signal Flow Path: 1. **Analog Stage:** The read head picks up magnetic fluctuations. 2. **Filtering Stage:** Capacitors and resistors filter out high-frequency noise and motor interference. 3. **Digitizing Stage:** The onboard logic converts the timing between peaks into binary data. 4. **Output Stage:** The data is buffered and sent via the Data/Clock lines to the main controller. --- ### 4. Common Pinout Configuration (Generic) For many RSCG (Read-Only) modules, the electronic interface follows this pattern: | Pin | Label | Description | | :--- | :--- | :--- | | 1 | **VCC** | +5V Power Supply | | 2 | **GND** | Ground | | 3 | **DATA** | Serial Data Output | | 4 | **CLOCK** | Strobe signal for data synchronization | | 5 | **CLS** | Card Loaded Signal (Detects if a card is present) | --- ### 5. Maintenance and Failure Points * **Head Wear:** The physical magnetic head is an inductor that can wear down, increasing the air gap and weakening the electronic signal. * **ESD Damage:** Because cards are swiped by humans, the input pins are susceptible to static shocks if the grounding path is compromised. * **Contamination:** Dust on the PCB can cause leakage current between the high-impedance amplifier pins, resulting in "Read Errors."
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the A10342-RSCG-E connector?
    • ⤷ Which communication protocol does this module use for data transmission (TTL vs RS-232)?
    • ⤷ Are there compatible replacement parts if this specific model is end-of-life?