Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A143Y-R

  • AI
    The **A143Y-R** (often referenced as the RN1104 or similar digital transistor series depending on the manufacturer, such as ROHM or Toshiba) is a **Pre-biased Bipolar Junction Transistor (BJT)**. These components are commonly known as "Digital Transistors" because they incorporate internal resistors to simplify circuit design. --- ### 1. Key Internal Architecture Unlike a standard NPN transistor, the A143Y-R includes integrated resistors in its base circuit. This eliminates the need for external biasing components, saving PCB space and reducing cost. | Component | Description | | :--- | :--- | | **Transistor Type** | NPN | | **Internal Resistor 1 (R1)** | Series base resistor (approx. 4.7 kΩ) | | **Internal Resistor 2 (R2)** | Base-emitter shunt resistor (approx. 10 kΩ) | | **Configuration** | Built-in bias resistors (R1 ≠ R2) | --- ### 2. Absolute Maximum Ratings These are the physical limits of the component. Exceeding these may lead to permanent failure. | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 50 V | | Collector-Emitter Voltage | $V_{CEO}$ | 50 V | | Collector Current | $I_C$ | 100 mA | | Power Dissipation | $P_D$ | 150 mW - 200 mW (package dependent) | | Junction Temperature | $T_j$ | 150 °C | --- ### 3. Electrical Characteristics The "R" suffix typically refers to the specific resistance ratio or the gain classification. * **Input Voltage (ON):** Usually around 1.3V to 3.0V to trigger the "ON" state. * **Input Voltage (OFF):** Must be below 0.5V to ensure the transistor is fully cut off. * **DC Current Gain ($h_{FE}$):** Typically ranges from 80 to 100+ depending on the specific batch. --- ### 4. Typical Applications The A143Y-R is designed for switching and interface circuits where a low-level logic signal (from a MCU or CPU) needs to control a higher load. * **Inverters:** Creating logic gates. * **Interface:** Connecting a 3.3V/5V microcontroller to a relay, LED, or motor driver. * **Drivers:** Switching small signal loads up to 100mA. --- ### 5. Equivalent Circuit Representation In a schematic, the A143Y-R is represented as follows: ```text (Collector) | / R1 |/ (B)---[R1]---| (Base Connection) | |\ [R2] > (Emitter) | | ----------- ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an NPN and PNP digital transistor?
    • ⤷ Can the A143Y-R be used for high-frequency PWM switching?
    • ⤷ How do I calculate the power dissipation for this transistor in a 5V circuit?