A19360LUBATN-RPR8
AI

The **A19360LUBATN-RPR8** is a high-performance Hall-effect sensor Integrated Circuit (IC) developed by **Allegro MicroSystems**. It is specifically designed for automotive applications, particularly for measuring speed and direction in transmission and crankshaft systems.
---
## 1. Technical Specifications Overview
The following table highlights the core electrical and mechanical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Allegro MicroSystems |
| **Sensor Type** | Hall Effect (Dual Element) |
| **Output Type** | PWM (Pulse Width Modulation) |
| **Operating Voltage** | 4.0V to 24V |
| **Operating Temperature** | -40°C to 150°C (Grade L) |
| **Package** | 2-pin SIP (UB) |
| **Target Application** | Ferrous target sensing (Gear tooth) |
---
## 2. Key Electronic Components & Features
### A. Dual Hall-Effect Elements
The IC contains two Hall-effect elements spaced precisely apart. By measuring the differential signal between these two points, the sensor can:
* Eliminate common-mode magnetic noise.
* Determine the **direction of rotation** (Forward vs. Reverse).
### B. Integrated Capacitor (UB Package)
The "UB" designation refers to a specialized two-pin package that includes an **integrated ceramic bypass capacitor**.
* **Purpose:** Provides enhanced EMC (Electromagnetic Compatibility) performance and protection against voltage transients.
* **Benefit:** Reduces the need for external components on the PCB or lead frame, saving space and cost.
### C. Advanced Algorithms
The A19360 utilizes Allegro's proprietary algorithms to handle real-world mechanical challenges:
* **Vibration Robustness:** The "SolidDrive" digital architecture helps distinguish between actual rotation and machine vibration.
* **Automatic Gain Control (AGC):** Dynamically adjusts the gain to compensate for variations in air gap (the distance between the sensor and the gear).
---
## 3. Signal Output (PWM)
Unlike simple switches, the A19360 provides a high-resolution **PWM signal**. This allows the Engine Control Unit (ECU) to receive multiple data points over just two wires:
1. **Pulse Frequency:** Represents the speed of the rotating gear.
2. **Pulse Width:** Encodes specific states such as:
* Forward Direction
* Reverse Direction
* Air-gap warning (low signal quality)
* Standstill (zero speed)
---
## 4. Pin Configuration
The device is a **current-source** device, meaning it modulates the supply current to transmit data.
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| **1** | VCC | Supply Voltage (Input) |
| **2** | VOUT/GND | Current Output / Return Path |
---
- ⤷
What are the specific advantages of the 'RPR8' variant compared to other A19360 models?
- ⤷ How does the two-wire current interface improve noise immunity in automotive environments?
- ⤷ What is the recommended air-gap range for optimal sensing with this IC?