Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A1JAN-R

  • AI
    The **A1JAN-R** refers to a high-performance **Silicon Carbide (SiC) Schottky Barrier Diode** manufactured by **ROHM Semiconductor**. It is designed for high-efficiency power conversion applications, particularly in automotive and industrial sectors. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | SiC Schottky Barrier Diode | Silicon Carbide technology | | **Repetitive Peak Reverse Voltage ($V_{RM}$)** | 650 V | Maximum voltage it can block | | **Average Rectified Forward Current ($I_O$)** | 1.0 A | Continuous forward current | | **Forward Voltage ($V_F$)** | 1.35 V (Typical) | Low voltage drop for efficiency | | **Recovery Time ($t_{rr}$)** | 14 ns (Typical) | Ultra-fast switching speed | | **Operating Temperature ($T_j$)** | -55 to +175 °C | High thermal stability | | **Package** | PMDTM (SOD-128) | Surface mount power package | --- ### 2. Core Electronic Features #### A. Silicon Carbide (SiC) Technology Unlike standard Silicon (Si) diodes, SiC allows for much higher thermal conductivity and breakdown voltages. This allows the part to be smaller while handling higher power loads. #### B. Zero Reverse Recovery Charge Standard diodes suffer from power loss during switching (Reverse Recovery). The A1JAN-R features nearly zero recovery charge, which: * Reduces electromagnetic interference (EMI). * Significantly lowers switching losses. * Enables higher frequency operation. #### C. AEC-Q101 Qualified The "-R" suffix often denotes automotive-grade reliability. This part is tested to withstand harsh vibrations, thermal cycling, and high humidity, making it suitable for On-Board Chargers (OBC). --- ### 3. Typical Applications The A1JAN-R is primarily used in circuits where space is limited but high efficiency is required: 1. **PFC (Power Factor Correction):** Used in power supplies to improve energy efficiency. 2. **DC/DC Converters:** High-speed switching for voltage regulation in electric vehicles. 3. **Freewheeling Diodes:** Protecting circuits from inductive "kickback" in motor drives. 4. **Solar Inverters:** Converting DC from panels to AC for the grid. --- ### 4. Schematic Representation In a circuit diagram, the device is represented as a standard Schottky diode, but its performance in high-speed environments sets it apart. ```text Cathode (K) | --+-- / \ (Schottky symbol) ----- | Anode (A) ```
    ✨ Follow-up Questions
    • ⤷What are the advantages of SiC diodes over standard Silicon diodes?
    • ⤷ Can the A1JAN-R be used in high-temperature engine compartments?
    • ⤷ What is the specific footprint size of the PMDTM package?