Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A250-R

  • AI
    The **A250-R** typically refers to a high-performance **Brushless DC (BLDC) motor** or a specific **Rotary Actuator** commonly used in robotics, industrial automation, and high-end gimbal systems. These units are characterized by their integrated electronics, high torque density, and precision feedback. Below is an overview of the electronic components and technical specifications typically found in an A250-R series motor. --- ### 1. Key Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Stator & Rotor** | Multi-pole permanent magnet design. | Converts electrical energy into mechanical torque. | | **Integrated Driver** | Internal PCB with MOSFETs. | Handles power switching and commutation logic. | | **Encoder** | High-resolution magnetic or optical sensor. | Provides real-time position and velocity feedback. | | **Logic Controller** | On-board MCU (Microcontroller). | Processes PID loops and communication protocols. | | **Communication Interface** | CAN bus, RS485, or PWM. | Allows the motor to talk to a central controller (PLC/PC). | --- ### 2. Technical Specifications While specific values can vary by manufacturer (such as T-Motor or specialized robotics brands), the "A250" class generally falls into these parameters: * **Operating Voltage:** Typically 24V to 48V DC. * **Rated Torque:** High-torque output (often 5Nm - 15Nm depending on gearing). * **Communication Protocol:** Most professional versions utilize **CAN-FD** or **RS485** for low-latency control. * **Protection Circuitry:** Built-in over-current, over-voltage, and over-temperature sensors. --- ### 3. Wiring and Connectivity Most A250-R modules simplify wiring by using integrated connectors rather than raw phase wires: ```yaml Pinout_Configuration: - Power_VCC: Main DC supply (e.g., +48V) - Power_GND: Common Ground - CAN_H: High-level Controller Area Network signal - CAN_L: Low-level Controller Area Network signal - Aux_Port: Sometimes used for firmware updates or secondary sensors ``` ### 4. Control Modes The internal electronics allow the user to toggle between three primary control states: 1. **Position Mode:** Moves to a specific degree with high accuracy. 2. **Velocity Mode:** Maintains a constant RPM regardless of load. 3. **Torque (Current) Mode:** Maintains a specific force, often used in haptic feedback or legged robotics. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of your A250-R module (e.g.
    • ⤷ T-Motor
    • ⤷ industrial brand)?
    • ⤷ Do you need the specific CAN bus command set for this motor?
    • ⤷ Are you looking for a wiring diagram for a specific microcontroller like Arduino or STM32?