Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A2K-R

  • AI
    The **A2K-R** is a specific electronic component primarily identified as a **High-Frequency/Precision Relay** or a specialized **Crystal/Oscillator** component depending on the manufacturer (most commonly associated with Fujitsu or specialized telecommunications hardware). Below is a breakdown of the electronic characteristics and technical specifications typically associated with this part number. --- ### 1. Technical Specifications Most parts labeled A2K-R fall under the category of electromagnetic components. Here are the generalized technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay / Signal Switch | | **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) | | **Coil Voltage** | 2V - 4.5V DC (Low voltage driven) | | **Max Switching Current** | 1A to 2A | | **Mounting Type** | Through-hole (THT) or Surface Mount (SMD) | | **Terminal Material** | Gold-overlay silver alloy (for low contact resistance) | --- ### 2. Key Electronic Features #### A. Low Power Consumption The "A" series architecture is designed for high sensitivity. The coil requires very little current to actuate the switch, making it ideal for battery-operated devices or circuits driven directly by microcontrollers. #### B. Signal Integrity These parts are engineered for **telecom-grade** signal switching. They feature: * High insulation resistance. * Low stray capacitance between contacts. * Minimal signal distortion at high frequencies. #### C. Compact Footprint The "R" suffix often denotes a specific packaging refinement, such as a **Reduced size** or **RoHS compliance** (Lead-free), allowing it to fit into dense PCB layouts. --- ### 3. Common Applications The A2K-R is frequently found in the following electronic systems: 1. **Telecommunications:** Switching line circuits in PBX systems or modems. 2. **Test & Measurement:** Used in automated test equipment (ATE) to route signals between different measurement probes. 3. **Medical Electronics:** Low-power switching in portable diagnostic tools. 4. **Security Systems:** Actuating alarms or sensors where high reliability is required. --- ### 4. Circuit Symbol Representation In a schematic diagram, the A2K-R is represented by a coil and a set of double-throw switches: ```mermaid graph LR A[Coil +] --- B[Inductor Symbol] B --- C[Coil -] D[Common 1] --- E[NC 1] D -.-> F[NO 1] G[Common 2] --- H[NC 2] G -.-> I[NO 2] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the A2K-R relay?
    • ⤷ Are there modern solid-state equivalents to the A2K-R?
    • ⤷ How does the 'R' suffix specifically affect the electrical thermal resistance?