Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A4-R

  • AI
    The **A4-R** typically refers to the **A4-R Robotic Platform** (often used in educational robotics, AI research, or specific industrial kits like those from Hiwonder). These platforms are designed for omnidirectional movement and modular electronic integration. --- ## 1. Core Electronic Components The electronic architecture of an A4-R robot is generally divided into four main layers: | Component Type | Specific Parts | Function | | :--- | :--- | :--- | | **Main Controller** | Raspberry Pi 4B / Jetson Nano | Handles high-level processing, vision (OpenCV), and AI logic. | | **Expansion Board** | Robot Expansion Shield | Bridges the controller to peripherals; manages power distribution. | | **Actuators** | Encoder DC Motors | High-torque motors with speed/position feedback for precise movement. | | **Power System** | 11.1V Lipo Battery | Provides high-current power required for motors and processing. | --- ## 2. Sensing and Perception To interact with its environment, the A4-R utilizes several electronic sensors: * **Vision System:** A high-definition USB camera or Depth Camera (like Orbbec/Intel RealSense) for object recognition and line tracking. * **Ultrasonic Sensor:** Measures distances to obstacles using sound waves to prevent collisions. * **IMU (Inertial Measurement Unit):** An onboard MPU6050 or similar chip to track orientation (Yaw, Pitch, Roll) and stabilize movement. * **Voltage Detection:** A built-in sensor on the expansion board to monitor battery levels and prevent over-discharge. --- ## 3. Communication & Control The A4-R electronics support various communication protocols to allow for remote operation and internal data flow: ### Internal Protocol Stack ```python # Standard communication flow in A4-R 1. User Input/AI Logic (Python) -> 2. Serial Communication (UART/I2C) -> 3. Motor Driver (PWM Signals) -> 4. Physical Movement ``` ### Remote Interface * **Wi-Fi/Bluetooth:** For app-based control (Android/iOS) or PC-based monitoring. * **Bus Interface:** Often uses Serial Bus servos if the robot has an integrated robotic arm, allowing for daisy-chaining multiple servos on a single wire. --- ## 4. Power Management Circuitry The A4-R requires a sophisticated power management system because the Raspberry Pi/Jetson Nano is sensitive to voltage drops caused by motor startup: * **Buck Converters:** Steps down 11.1V to a stable 5V/3A for the CPU. * **Protection Circuit:** Includes over-current and short-circuit protection. * **Indicators:** LED displays or buzzers that signal low voltage or pairing status.
    ✨ Follow-up Questions
    • ⤷ Which specific expansion board version is used in the latest A4-R kits?
    • ⤷ How do you calibrate the IMU on an A4-R robot?
    • ⤷ What is the maximum current draw of the A4-R's DC encoder motors?