Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A412R

  • AI
    The **A412R** typically refers to a high-speed, high-voltage switching diode (part of the 1SS series, specifically the **1SS412R**) or a specific variant used in automotive and industrial rectifiers. Below is a breakdown of the electronic specifications, characteristics, and typical applications. --- ### 1. General Specifications The A412R (1SS412R) is a Surface Mount Device (SMD) designed for high-speed switching. It is characterized by its small footprint and low capacitance. | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Peak Reverse Voltage ($V_{RM}$)** | 85 | V | | **Continuous Forward Current ($I_F$)** | 100 - 200 | mA | | **Reverse Recovery Time ($t_{rr}$)** | 4.0 | ns | | **Power Dissipation ($P_D$)** | 150 - 200 | mW | | **Package Type** | SC-75 / SOT-416 (SOD-523 variant) | - | ### 2. Key Electronic Characteristics * **High-Speed Switching:** The $t_{rr}$ (Reverse Recovery Time) of approximately 4ns makes it ideal for digital logic circuits where fast transitions are necessary. * **Low Capacitance:** Low terminal capacitance ensures minimal signal distortion in high-frequency applications. * **Small Form Factor:** Usually housed in ultra-small packages, saving PCB real estate in mobile or wearable devices. * **Voltage Drop:** Like most silicon diodes, it features a forward voltage drop ($V_F$) of approximately 0.7V to 1.2V depending on the current load. --- ### 3. Pinout and Internal Structure The device is usually a three-lead package, though often only two leads are active (Diode configuration). ```mermaid graph LR A[Anode] ---|>| K[Cathode] ``` --- ### 4. Typical Applications The A412R is commonly found in the following electronic sectors: 1. **General Purpose Switching:** Used in logic gates and signal processing. 2. **Reverse Polarity Protection:** Protecting sensitive low-current components from accidental battery reversal. 3. **High-Speed Rectification:** In DC-DC converters for small portable electronics. 4. **Automotive Electronics:** Used in sensor modules and ECU signal conditioning (if AEC-Q qualified). --- ### 5. Identification (Marking Code) On a PCB, these parts are extremely small. The marking code on the physical component body is usually just **"R"** or **"A4"** depending on the specific manufacturer (e.g., ROHM or Toshiba).
    ✨ Follow-up Questions
    • ⤷What is the equivalent replacement for an A412R diode?
    • ⤷ How does reverse recovery time affect high-speed switching circuits?
    • ⤷ Can the A412R be used in power supply rectification?