Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A4923GETTR-R

  • AI
    ## Technical Overview of A4923GETTR-R The **A4923GETTR-R** is a high-performance, automotive-grade stepper motor driver IC manufactured by **Allegro MicroSystems**. It is designed to drive bipolar stepper motors in microstepping modes, offering integrated features for diagnostic monitoring and protection. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Allegro MicroSystems | | **Motor Type** | Bipolar Stepper | | **Operating Voltage (VBB)** | 5.5 V to 50 V | | **Logic Supply Voltage (VCC)** | 3.0 V to 5.5 V | | **Output Current** | Up to ±2 A | | **Step Resolution** | Full, 1/2, 1/4, 1/8, 1/16, 1/32 | | **Package Type** | QFN-28 (5mm × 5mm) | | **Temperature Range** | -40°C to +150°C (Automotive Grade) | --- ### 2. Core Functional Components The internal architecture of the A4923 consists of several critical electronic sub-systems: * **Dual H-Bridge Drivers:** Uses low RDS(on) N-channel MOSFETs to control the current flow through the two motor coils. * **Microstepping Indexer:** Translates simple "Step" and "Direction" inputs into the complex current ratios required for smooth microstepping (up to 1/32 step). * **Current Control (Fixed Off-Time):** Employs a pulse-width modulation (PWM) current control circuit to regulate the current in each phase. * **Charge Pump:** Generates the necessary gate-drive voltage for the high-side N-channel MOSFETs. --- ### 3. Advanced Electronic Features #### A. APD (Automatic Percent Decay) This feature automatically calculates the amount of fast decay vs. slow decay required during a PWM cycle. This ensures high current accuracy even at high step rates and minimizes audible noise and vibration. #### B. Diagnostics and Protection The chip is equipped with a comprehensive suite of protection circuits, making it suitable for safety-critical automotive applications: * **Overcurrent Protection (OCP):** Protects against short-to-ground and short-to-battery. * **Thermal Shutdown (TSD):** Disables outputs if the junction temperature exceeds limits. * **Undervoltage Lockout (UVLO):** Prevents operation if the power supply drops below a functional threshold. * **Stall Detection:** Can detect when the motor shaft is obstructed. --- ### 4. Typical Application Circuit To use this part, the following external components are typically required: ```cpp // External Component Checklist 1. Decoupling Capacitors: 0.1uF and 100uF near VBB pins. 2. Sense Resistors: RSENSE determines the maximum output current. 3. Charge Pump Cap: Typically 0.1uF to 0.22uF between CP1 and CP2. 4. Logic Pull-ups: For pins like RESET or SLEEP if controlled by MCU. ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of Automatic Percent Decay (APD) over standard mixed decay?
    • ⤷ How do you calculate the value of the RSENSE resistor for a 1.5A motor?
    • ⤷ What are the common automotive applications for the A4923?