Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • A556-R

  • AI
    The **A556-R** typically refers to a high-voltage, high-frequency **Pulse Transformer** or a specific **Ignition Transformer** configuration used in specialized industrial electronics, such as oil/gas burners or spark ignition systems. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The A556-R is engineered to convert low-voltage input into high-energy pulses. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Ignition / Pulse Transformer | | **Input Voltage** | 220V - 240V AC (50/60 Hz) | | **Output Voltage** | 12kV - 15kV (Peak) | | **Output Current** | 20mA - 30mA | | **Duty Cycle** | Intermittent (e.g., 25% - 33% over 3 mins) | | **Secondary Connection** | Single or Double Pole (depending on suffix) | --- ### 2. Internal Electronic Components The device is not a single "part" but an assembly of several electronic elements housed in a resin-filled casing: * **Primary Winding:** Thicker copper wire designed to handle the mains input current. * **Secondary Winding:** Extremely fine copper wire with thousands of turns to step up the voltage to the kilovolt range. * **Ferrite/Laminated Core:** Directs the magnetic flux efficiently to minimize energy loss. * **Encapsulation (Epoxy Resin):** Crucial for high-voltage parts to prevent internal arcing and provide moisture resistance. * **Internal Suppression:** Often includes a resistor or varistor to reduce Electro-Magnetic Interference (EMI) that could affect nearby microcontrollers. --- ### 3. Connection and Pinout The "R" in the model often denotes a specific mounting or connector orientation (Rectangular or Rear-mount). 1. **Input Terminals:** Usually 2-pin or 3-pin (Line, Neutral, and sometimes Earth). 2. **High Voltage Outlets:** High-tension (HT) cables connect here to lead the spark to the electrodes. 3. **Grounding:** The metal frame or a specific pin must be grounded to ensure circuit completion for the spark. --- ### 4. Common Applications * **Oil Burners:** Creating the initial arc to ignite atomized fuel. * **Gas Boilers:** Automated spark-to-pilot or spark-to-burner systems. * **Ozone Generators:** Used to create a high-voltage corona discharge. ---
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the A556-R transformer?
    • ⤷ How do I test the secondary winding resistance of this part?
    • ⤷ Are there modern electronic equivalents to the A556-R magnetic transformer?