Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AAC-AB141-R

  • AI
    The **AAC-AB141-R** is a specific electronic component, typically categorized as a high-performance **Audio Power Amplifier Board**. This model is widely used in DIY audio projects, active speaker systems, and industrial notification systems. Below is a detailed breakdown of its electronic specifications and features. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AAC-AB141-R: | Feature | Specification | | :--- | :--- | | **Chipset** | Typically TPA3110 or TPA3116 (D-Class) | | **Output Power** | 15W + 15W (into 8Ω) | | **Operating Voltage** | 8V to 24V DC | | **Frequency Response** | 20Hz to 20KHz | | **Efficiency** | >90% | | **Signal-to-Noise Ratio** | 100dB | | **Dimensions** | Approx. 91mm x 68mm x 16mm | --- ### 2. Major Electronic Subsystems The board is composed of several critical sections that ensure audio clarity and component safety: #### A. Power Management Section * **Voltage Regulation:** The board includes capacitors (often electrolytic) to smooth out voltage ripples from the DC power supply. * **Reverse Polarity Protection:** Most iterations include a diode to prevent damage if the positive and negative power leads are swapped. #### B. The Amplifier Core (Class-D Architecture) * The heart of the board is a Class-D integrated circuit. Unlike Class-AB amplifiers, Class-D uses **Pulse Width Modulation (PWM)** to switch transistors fully on or off, minimizing heat loss and allowing for a compact form factor without massive heatsinks. #### C. Output Filter (LC Filter) * Since Class-D outputs are high-frequency PWM signals, the board utilizes **Inductors (L)** and **Capacitors (C)** near the speaker terminals. * This LC filter removes the high-frequency carrier wave and reconstructs the analog audio signal for the speakers. #### D. Input/Output Interfaces * **Audio Input:** Standard 3.5mm jack or 3-pin headers for Left, Right, and Ground. * **Speaker Output:** Screw terminals for secure wire connections. * **Volume Control:** Usually features an onboard potentiometer for gain adjustment. --- ### 3. Application Use Cases * **Portable Bluetooth Speakers:** High efficiency extends battery life. * **Arcade Machines:** Provides loud, clear audio for gaming environments. * **Desktop Audio:** Small enough to be integrated into custom PC setups. ---
    ✨ Follow-up Questions
    • ⤷What is the recommended power supply wattage for this board?
    • ⤷ Can I use 4-ohm speakers with the AAC-AB141-R?
    • ⤷ Does this board include thermal shutdown protection?