AAC-AC141-R
AI

The **AAC-AC141-R** is a specific electronic component, typically categorized as a **D-Sub Hardware Accessory**. Specifically, it is a high-quality **Jack Screw** or **Standoff** used for securing D-subminiature connectors (like DB9, DB15, or DB25) to a chassis or a PCB.
Below is a detailed breakdown of its specifications and electronic properties.
---
## 1. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | D-Sub Jack Screw / Mounting Hardware |
| **Material** | Steel or Brass (application dependent) |
| **Plating** | Nickel or Clear Zinc (for corrosion resistance) |
| **Thread Size** | #4-40 UNC (Standard for D-Sub) |
| **Gender** | Male-Female (Standoff style) |
| **RoHS Status** | Compliant (The "-R" suffix typically denotes RoHS) |
---
## 2. Key Electronic & Mechanical Roles
The AAC-AC141-R serves three primary functions in an electronic assembly:
### A. Mechanical Stability
It acts as a standoff that secures the connector to the bulkhead or panel. This prevents the connector from being pushed back into the housing when a cable is plugged in, or pulled out when unplugged.
### B. Electrical Grounding (Shielding)
Since these parts are metallic, they play a crucial role in **EMI/RFI shielding**.
* They provide a low-impedance path between the cable’s metal shell and the device’s chassis.
* This helps drain static and interference to the common ground.
### C. Connection Locking
The internal #4-40 threads allow the mating cable's thumb screws to lock into the port. This ensures that vibration or accidental tugging does not result in a loss of data signal.
---
## 3. Dimensions and Form Factor
The typical physical structure of this part includes:
1. **Threaded Stud:** The part that screws into the panel or PCB.
2. **Hexagonal Body:** Allows for tightening with a 3/16" nut driver.
3. **Internal Thread:** The "socket" where the external cable screw attaches.
---
## 4. Part Number Breakdown (Typical)
While manufacturers vary, the suffixing usually follows this logic:
* **AAC:** Manufacturer Prefix (often associated with *Adam Tech* or similar hardware providers).
* **AC141:** Specific model size and length (usually a standard length for 1/8" panels).
* **R:** Indicates **RoHS Compliance**, meaning it is free from hazardous substances like lead or cadmium.
- ⤷
What are the standard torque requirements for installing #4-40 jack screws?
- ⤷ Does the AAC-AC141-R come with associated washers and nuts?
- ⤷ Are there stainless steel alternatives for high-corrosion environments?