Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AAC-AC142-R/Q

  • AI
    The **AAC-AC142-R/Q** is a high-performance, automotive-grade MEMS (Micro-Electro-Mechanical Systems) capacitive accelerometer. It is specifically designed for high-reliability applications, often utilized in automotive safety systems and industrial monitoring. --- ### ## 1. Key Specifications The following table outlines the primary electronic and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Type** | Single-axis (Z-axis) Accelerometer | | **Technology** | Capacitive MEMS | | **Sensitivity** | High sensitivity for low-g sensing | | **Interface** | Analog Output | | **Supply Voltage** | 4.75V to 5.25V | | **Package Type** | Surface Mount (SMD) | | **Operating Temp** | -40°C to +125°C | | **Qualification** | AEC-Q100 (Automotive Grade) | --- ### ## 2. Core Components and Working Principle The part functions through three primary stages: 1. **Sensing Element (MEMS):** A microscopic proof mass suspended by silicon springs. When acceleration occurs, the mass moves, changing the capacitance between the mass and fixed electrodes. 2. **ASIC (Application Specific Integrated Circuit):** An internal chip that converts the tiny capacitance changes into a measurable voltage. 3. **Signal Conditioning:** Includes low-pass filtering to remove high-frequency noise and temperature compensation circuitry to ensure accuracy across the full automotive temperature range. --- ### ## 3. Pinout and Integration While specific pin mapping depends on the exact sub-variant, the typical integration involves: * **VCC/GND:** Direct connection to a stable 5V power rail. * **VOUT:** An analog voltage signal centered at $V_{CC}/2$ for $0g$. The voltage increases or decreases linearly based on the acceleration detected. * **ST (Self-Test):** A digital input pin that, when activated, creates an electrostatic force on the MEMS element to verify that the mechanical and electronic parts are functioning correctly. --- ### ## 4. Applications Due to the **"R/Q"** designation (indicating high reliability and qualification), it is commonly used in: * **Automotive:** Electronic Stability Control (ESC), Roll-over detection, and Hill Start Assist. * **Industrial:** Vibration monitoring and tilt sensing in harsh environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the sensitivity (mV/g) of the AAC-AC142-R/Q?
    • ⤷ How does the self-test pin function during diagnostic cycles?
    • ⤷ What are the mounting recommendations to avoid mechanical stress?