Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AAO2

  • AI
    The term **AAO2** most commonly refers to the **A02** series of logic chips or specific low-voltage CMOS components used in signal routing and logic operations. However, in industrial electronics, it is often associated with the **74LVC1G02** (Single 2-input NOR gate) or similar surface-mount device (SMD) markings. Below is an overview of the electronic properties, logic functions, and technical specifications typically associated with these types of parts. --- ### 1. Technical Specifications Most parts marked as "A02" or "AAO" belong to the **Single Gate Logic** family, designed for space-constrained PCB designs. | Feature | Specification (Typical) | | :--- | :--- | | **Logic Type** | NOR Gate (2-Input) | | **Operating Voltage (Vcc)** | 1.65V to 5.5V | | **Output Current** | ±24 mA to ±32 mA | | **Propagation Delay** | ~2.0ns to 4.5ns | | **Package Type** | SOT-23, SOT-353, or SC-70 | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Logic Function (NOR Gate) The AAO2/A02 electronic part typically functions as a **2-input NOR gate**. The output is HIGH (1) only if both inputs are LOW (0). **Truth Table:** | Input A | Input B | Output Y | | :---: | :---: | :---: | | 0 | 0 | **1** | | 0 | 1 | **0** | | 1 | 0 | **0** | | 1 | 1 | **0** | --- ### 3. Key Electronic Characteristics * **Schmitt-Trigger Action:** Many of these modern small-logic parts include hysteresis at the inputs, allowing them to handle slow-rising or "noisy" signals without causing oscillations. * **I-off Protection:** Most "LVC" (Low Voltage CMOS) parts support partial power-down mode. This ensures that the device does not draw excessive current when powered down while inputs are still driven. * **Overvoltage Tolerance:** The inputs are often 5V tolerant even when the supply voltage is running at 3.3V, making them excellent for level shifting. --- ### 4. Common Applications Due to their tiny footprint (often less than 2mm x 2mm), these parts are used in: 1. **Mobile Devices:** Handling power-on reset signals. 2. **Signal Conditioning:** Inverting or combining status flags (like "Error" and "Busy" signals). 3. **Level Shifting:** Interfacing between different voltage domains (e.g., 1.8V logic to 3.3V logic). 4. **Pulse Shaping:** Cleaning up digital clock signals. --- ### 5. Identification Code Example If you are looking at a physical chip and see "AAO" or "A02": ```text [ Marking Code ] -> [ Manufacturer Part Number ] A02 -> SN74LVC1G02 (Texas Instruments) AAO -> NC7SZ02 (onsemi) ```
    ✨ Follow-up Questions
    • ⤷ How do I identify the pinout of an AAO2 SOT-23 package?
    • ⤷ What are the main differences between the LVC and HC logic families?
    • ⤷ Can an AAO2 NOR gate be used as a simple inverter?