Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AB-AV101-R

  • AI
    ### Overview of AB-AV101-R The **AB-AV101-R** is an electronic module primarily used as a **Bluetooth Audio Receiver**. It is designed to bridge the gap between wireless Bluetooth transmission and analog audio output systems (like speakers or amplifiers). It is often utilized in automotive head units, portable speakers, and DIY audio projects. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Bluetooth Version** | Bluetooth 4.1 / 5.0 (Varies by revision) | | **Operating Voltage** | 3.7V - 5V DC | | **Current Consumption** | 20mA (Active), < 500uA (Sleep) | | **Output Type** | Stereo Analog (Left, Right, Ground) | | **SNR (Signal to Noise Ratio)** | 90dB | | **THD+N** | -70dB | | **Transmission Distance** | ~10-15 Meters | --- ### Core Electronic Components The module is composed of several key functional blocks: #### 1. Main SoC (System on Chip) The heart of the module is a highly integrated Bluetooth IC (often from the **AC series** or **JL series**). This chip handles: * **RF Processing:** Managing the 2.4GHz wireless signal. * **MCU Core:** Running the firmware and Bluetooth stack (A2DP, AVRCP). * **DAC (Digital-to-Analog Converter):** Converting the digital audio stream back into electrical waves for speakers. #### 2. Power Management Section * **LDO Regulator:** Stabilizes the input voltage to a clean 3.3V to power the sensitive digital circuits. * **Filtering Capacitors:** Used to reduce noise from the power supply, ensuring a hiss-free audio experience. #### 3. RF & Antenna Section * **PCB Trace Antenna:** A zig-zag pattern on the board that transmits and receives Bluetooth signals. * **Matching Circuit:** Inductors and capacitors that tune the antenna to the 2.4GHz frequency for maximum range. #### 4. Interface Connections The board typically features solder pads for: * **VCC/GND:** Power input. * **L/R/AGND:** Audio output channels. * **Status LED:** Indicates pairing mode or successful connection. --- ### Wiring Configuration | Pin / Pad | Function | Description | | :--- | :--- | :--- | | **VCC** | Power In | Connect to 3.7V (Battery) or 5V (USB) | | **GND** | Ground | Common negative terminal | | **L-Out** | Left Channel | Output to amplifier/headphone left | | **R-Out** | Right Channel | Output to amplifier/headphone right | | **AGND** | Audio Ground | Reference ground for audio signals | --- ### Usage Precautions * **Common Ground Noise:** If powered from the same source as the amplifier, you might experience a "whine" or "hum." Using an isolated DC-DC converter can fix this. * **Antenna Clearance:** Avoid placing the PCB trace antenna near large metal objects, as this will significantly reduce the Bluetooth range.
    ✨ Follow-up Questions
    • ⤷ How do I fix background noise when using the AB-AV101-R with a car amplifier?
    • ⤷ What is the maximum voltage the AB-AV101-R can handle without damage?
    • ⤷ Can this module be used to transmit audio to a Bluetooth speaker?