Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AB-AV106-R

  • AI
    The **AB-AV106-R** is a specific electronic component typically categorized as an **Audio/Video (A/V) Connector** or an **RCA Jack** assembly. These are commonly used in consumer electronics for transmitting analog signals. --- ### 1. Technical Specifications Below are the general technical characteristics associated with the AB-AV106-R series: | Feature | Specification | | :--- | :--- | | **Component Type** | RCA Phono Jack (Female) | | **Mounting Type** | Through-hole (PCB Mount) | | **Orientation** | Right Angle | | **Number of Ports** | 1 (Single) | | **Contact Material** | Copper Alloy (usually Tin or Gold plated) | | **Housing Material** | PBT or ABS Plastic (UL94V-0 rated) | | **Color Code** | Red (typically indicating the Right Audio channel) | --- ### 2. Key Electronic Characteristics To ensure signal integrity and safety, the part adheres to the following electrical standards: * **Contact Resistance:** Typically $\le 30m\Omega$. * **Insulation Resistance:** $\ge 100M\Omega$ at 500V DC. * **Withstand Voltage:** 500V AC for 1 minute. * **Insertion/Extraction Force:** 0.3kg to 3.0kg, ensuring a snug fit that won't easily disconnect but is easy to plug in. --- ### 3. Application and Usage The "R" in the suffix usually denotes the color **Red**, which is industry-standard for the Right channel in stereo audio. These parts are found in: 1. **TV Sets:** Input/Output panels for composite video and audio. 2. **Amplifiers:** Connection points for speakers or auxiliary inputs. 3. **Set-top Boxes:** Routing audio signals to external speakers. 4. **Gaming Consoles:** Legacy analog output connections. --- ### 4. PCB Footprint Example In a design environment (like Altium or KiCad), the footprint usually consists of: * **Signal Pin:** The center conductor pin. * **Ground Pins:** Two or more outer shielding pins for mechanical stability and EMI grounding. ```cpp // Schematic Symbol Representation Pin 1: Center Signal (Hot) Pin 2: Shield/Ground (GND) Pin 3: Shield/Ground (GND) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AB-AV106-R and the AB-AV106-W version?
    • ⤷ Can this component be used for high-frequency digital signals like S/PDIF?
    • ⤷ What are the recommended soldering temperatures for this through-hole part?