Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AB-RTC-TC

  • AI
    The **AB-RTC-TC** is a high-precision, temperature-compensated real-time clock (RTC) module. It is designed to provide accurate timekeeping even in environments with fluctuating temperatures, which typically cause standard crystals to drift. --- ### 1. Key Internal Components The "TC" in the part number stands for **Temperature Compensated**. This implies several critical internal subsystems: | Component | Function | | :--- | :--- | | **TCXO** | Temperature-Compensated Crystal Oscillator. Adjusts the frequency to counteract thermal drift. | | **Digital Temp Sensor** | Monitors the ambient temperature of the chip to provide data for compensation. | | **Backup Power Circuit** | Manages the switch between main VCC and a backup battery (VBAT). | | **Control Logic** | Handles I2C/SPI communication and manages the time/date registers. | --- ### 2. Technical Specifications While specific parameters can vary by manufacturer (often associated with Abracon or similar brands), typical specifications for this series include: * **Accuracy:** Often within ±2ppm to ±5ppm (approx. 0.17 to 0.43 seconds per day). * **Voltage Range:** 1.8V to 5.5V (standard logic levels). * **Interface:** Most models use **I2C** (Serial Data and Serial Clock). * **Timekeeping:** Full calendar (Seconds, Minutes, Hours, Day, Date, Month, Year). --- ### 3. Connection Pinout (Typical) If you are integrating this part into a PCB, the following pin configurations are standard: ```markdown 1. VCC -> Main Power Supply 2. GND -> Ground 3. SDA -> I2C Serial Data 4. SCL -> I2C Serial Clock 5. VBAT -> Backup Battery Input (e.g., CR2032) 6. INT -> Interrupt / Alarm Output 7. CLKOUT-> Square Wave Output (Programmable frequency) ``` --- ### 4. Why Use a Temperature Compensated RTC? Standard RTCs use a 32.768 kHz tuning-fork crystal. These crystals are sensitive to temperature; they slow down as the temperature moves away from 25°C. * **Standard RTC:** May lose/gain minutes per month in outdoor or industrial settings. * **AB-RTC-TC:** Uses an internal lookup table or feedback loop to adjust the load capacitance of the crystal, maintaining near-perfect timing across a range of -40°C to +85°C.
    ✨ Follow-up Questions
    • ⤷ What is the exact I2C address for the AB-RTC-TC series?
    • ⤷ How long can a CR2032 battery power this RTC module?
    • ⤷ How do you program the alarm interrupt on this specific chip?